Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6823LWY6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6823LWY6F
Description  5-Pin Supervisor with Watchdog Timer and Push-button Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LWY6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6823LWY6F Datasheet HTML 13Page - STMicroelectronics STM6823LWY6F Datasheet HTML 14Page - STMicroelectronics STM6823LWY6F Datasheet HTML 15Page - STMicroelectronics STM6823LWY6F Datasheet HTML 16Page - STMicroelectronics STM6823LWY6F Datasheet HTML 17Page - STMicroelectronics STM6823LWY6F Datasheet HTML 18Page - STMicroelectronics STM6823LWY6F Datasheet HTML 19Page - STMicroelectronics STM6823LWY6F Datasheet HTML 20Page - STMicroelectronics STM6823LWY6F Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
STM6321/6322/6821/6822/6823/6824/6825
18/21
PACKAGE MECHANICAL
Figure 24. SOT23-5 – 5-lead Small Outline Transistor Package Mechanical Drawing
Note: Drawing is not to scale.
Table 7. SOT23-5 – 5-lead Small Outline Transistor Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.90
1.45
0.047
0.035
0.057
A1
–
–
0.15
–
–
0.006
A2
1.05
0.90
1.30
0.041
0.035
0.051
b
0.40
0.35
0.50
0.016
0.014
0.020
C
0.15
0.09
0.20
0.006
0.004
0.008
D
2.90
2.80
3.00
0.114
0.110
0.118
E
2.80
2.60
3.00
0.110
0.102
0.118
E1
1.60
1.50
1.75
0.063
0.059
0.069
e1.90–
–
0.075
–
–
e/2
0.95
–
–
0.037
–
–
L
0.60
0.55
0.63
0.024
0.022
0.025
L1
0.35
0.10
0.60
0.014
0.004
0.024
α
–
0°
10°
–
0°
10°
N5
5
SOT23-5b
0.10
C
A
A2
A1
4X
C
D
e
e/2
E
M
0.15
CA B
B
E1
A
M
CA B
5X b
0.20
C
L1
θ
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com