Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP321 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP321
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP321 Datasheet HTML 1Page - Toshiba Semiconductor TLP321 Datasheet HTML 2Page - Toshiba Semiconductor TLP321 Datasheet HTML 3Page - Toshiba Semiconductor TLP321 Datasheet HTML 4Page - Toshiba Semiconductor TLP321 Datasheet HTML 5Page - Toshiba Semiconductor TLP321 Datasheet HTML 6Page - Toshiba Semiconductor TLP321 Datasheet HTML 7Page - Toshiba Semiconductor TLP321 Datasheet HTML 8Page - Toshiba Semiconductor TLP321 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
8
IC – IF
Forward current IF (mA)
0.1
100
0.1
50
30
10
5
3
1
0.5
0.3
0.3
1
3
100
10
30
Ta = 25°C
5V
0.4V
VCE = 10V
SAMPLE B
SAMPLE A
Forward current IF (mA)
IC / IF – IF
0.1
1000
500
300
100
50
30
10
0.3
1
3
100
10
30
Ta = 25°C
5V
0.4V
VCE = 10V
SAMPLE B
SAMPLE A
VCE (sat) – Ta
Ambient temperature Ta (°C)
-40
0.2
0.1
20
80
100
0
-20
0
IF = 5mA
IC = 1mA
60
40
IC – Ta
Ambient temperature Ta (°C)
0.1
50
30
10
5
3
1
0.5
0.3
-20
0
40
60
VCE = 5V
IF = 25mA
10mA
5mA
1mA
0.5mA
Switching Time – RL
Load resistance RL (kΩ)
10
1
1000
500
300
1
5
3
100
50
3
10
30
Ta = 25°C
IF = 16mA
VCC = 5V
30
100
tOFF
tS
tON



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com