Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2004DWK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2004DWK
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004DWK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2004DWK_17 Datasheet HTML 1Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 2Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 3Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 4Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 5Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 6Page - Diodes Incorporated DMN2004DWK_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2004DWK
Document number: DS30935 Rev. 7 - 2
2 of 7
www.diodes.com
February 2017
© Diodes Incorporated
DMN2004DWK
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 5)
Steady
State
TA = +25°C
TA = +85°C
ID
540
390
mA
Pulsed Drain Current (Note 6)
IDM
1.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
1
µA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.5
—
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
0.4
0.5
0.7
0.55
0.70
0.9
Ω
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
—
—
mS
VDS = 10V, ID = 0.2A
Diode Forward Voltage (Note 7)
VSD
0.5
—
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
36
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
5.7
25
pF
Reverse Transfer Capacitance
Crss
—
4.2
20
pF
Total Gate Charge (VGS = 4.5V)
Qg
—
0.53
—
nC
VDS = 10V, ID = 250mA
Total Gate Charge (VGS = 8.0V)
Qg
—
0.95
—
Gate-Source Charge
Qgs
—
0.08
—
Gate-Drain Charge
Qgd
—
0.07
—
Turn-On Delay Time
tD(ON)
—
4.1
—
ns
VDD = 10V, RL = 47Ω,
VGEN = 4.5V, RGEN = 10Ω
Turn-On Rise Time
tR
—
7.3
—
ns
Turn-Off Delay Time
tD(OFF)
—
13.8
—
ns
Turn-Off Fall Time
tF
—
10.5
—
ns
Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10µs, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com