Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15020 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15020
Description  Strada Assembly
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15020 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15020 Datasheet HTML 1Page - Ledil, Inc. CS15020 Datasheet HTML 2Page - Ledil, Inc. CS15020 Datasheet HTML 3Page - Ledil, Inc. CS15020 Datasheet HTML 4Page - Ledil, Inc. CS15020 Datasheet HTML 5Page - Ledil, Inc. CS15020 Datasheet HTML 6Page - Ledil, Inc. CS15020 Datasheet HTML 7Page - Ledil, Inc. CS15020 Datasheet HTML 8Page - Ledil, Inc. CS15020 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
PRODUCT DATASHEET
Strada series
last update 30/5/2017
DETAILS
Product Number
CS15020_STRADA-IP-2X6-VSM
Family
Strada
Type
Assembly
Color
clear
Diameter
173 + 71,4 mm
Height
9 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
30/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
136 deg
94 %
0.350
-
XT-E
142 deg
94 %
0.470
-
XP-G3
sim: 144
sim: 89 % sim: 0.380 -
XP-G2
140 deg
-
0.550
-
XP-L
145 deg
94 %
0.410
-
XP-L2
142 deg
94 %
0.380
-
H35C1 (LEMWA33)
140 deg
94 %
0.520
-
LUXEON XR-TX (L2T0-xxyy012M)
137 deg
94 %
0.540
-
LUXEON T
137 deg
94 %
0.540
-
LUXEON 5050
sim: 143
sim: 92 % sim: 0.320 -
LUXEON V
139 deg
94 %
0.400
-
NVSxE21A
sim: 136
sim: 93 % sim: 0.520 -
OSCONIQ P 3737 (3W version)
sim: Asymmetric
sim: 94 % sim: 0.380 -
Oslon Square Gen3
sim: 142
sim: 91 % sim: 0.400 -
Oslon SSL 150
sim: 145
sim: 93 % sim: 0.430 -
Fortimo FastFlex LED board 2x6 DP G4 140 deg
94 %
0.550
-
Fortimo FastFlex LED board 2x6 DPX G4sim: 144
sim: 89 % sim: 0.380 -
LH351D
sim: 156
sim: 94 % sim: 0.330 -
Z5M1/Z5M2
sim: 131
sim: 92 % sim: 0.510 -
Z8Y22P
137 deg
94 %
0.460
-
SMJQ-D36W12Mx
131 deg
94 %
0.470
-
SMJQ-D36W12Px
137 deg
94 %
0.460
-
Z8Y22
131 deg
94 %
0.470
-
January 25th 2018 8:17 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS15020

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15020 LEDIL-CS15020 Datasheet
6Mb / 10P
IESNA Type V (square) beam for wide area lighting such as car parks
CS15020 LEDIL-CS15020_18 Datasheet
6Mb / 10P
IESNA Type V (square) beam for wide area lighting such as car parks
More results

Similar Description - CS15020

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
3Mb / 50P
Strada Assembly
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA12333 LEDIL-CA12333 Datasheet
663Kb / 11P
Strada Assembly
CA14032 LEDIL-CA14032 Datasheet
1Mb / 29P
Strada Assembly
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com