Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16401 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CS16401
Description  Strada Lens array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16401 Datasheet(HTML) 2 Page - Ledil, Inc.

  CS16401 Datasheet HTML 1Page - Ledil, Inc. CS16401 Datasheet HTML 2Page - Ledil, Inc. CS16401 Datasheet HTML 3Page - Ledil, Inc. CS16401 Datasheet HTML 4Page - Ledil, Inc. CS16401 Datasheet HTML 5Page - Ledil, Inc. CS16401 Datasheet HTML 6Page - Ledil, Inc. CS16401 Datasheet HTML 7Page - Ledil, Inc. CS16401 Datasheet HTML 8Page - Ledil, Inc. CS16401 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
0.5
(
)
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
INDEX
PRODUCT
TYPE
MATERIAL
COLOUR/COATING
1
C16400_STRADA-IP-2X6-PX
LENS
PMMA
CLEAR
2
C14018_2X6-SEAL25
SEAL
SILICONE
WHITE
SCALE
1:1
SHEET
1/2
SIZE
A3
PRODUCT
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PCB level
Heat sink level
Led location
For more details about compatible LEDs please check measured results on
www.ledil.com and 3D model for more detailed mechanical information
See installation details page 2.
MECHANICAL DRAWING
CS16401_STRADA-IP-2X6-PX
COMPONENTS
Z
Y
X
Notes
Light Pattern
Direction
LED
location
Location pin
Elongated hole shape
recommended
for minus location pin
2
1
3.2
Detail B
Scale:
2:1
3.2
Detail A
Scale:
2:1
50.8
12.7
25.4
x5
A
B
1.7
173
54.2
54.2
3.45
54.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com