Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC15349 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FC15349
Description  Florentina Pack
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC15349 Datasheet(HTML) 2 Page - Ledil, Inc.

  FC15349 Datasheet HTML 1Page - Ledil, Inc. FC15349 Datasheet HTML 2Page - Ledil, Inc. FC15349 Datasheet HTML 3Page - Ledil, Inc. FC15349 Datasheet HTML 4Page - Ledil, Inc. FC15349 Datasheet HTML 5Page - Ledil, Inc. FC15349 Datasheet HTML 6Page - Ledil, Inc. FC15349 Datasheet HTML 7Page - Ledil, Inc. FC15349 Datasheet HTML 8Page - Ledil, Inc. FC15349 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Assembly:
1. Attach lenses by pressing them down until they snap into place.
2. Screw the holder (with lenses assembled) to PCB. Inspect that the positioning
pins are securely in their holes.
3. Press the shade down on the holder until they are securely attached.
Optional side attachment: The holder can also be attached with DIN 7985 M3 nuts
1. One nut per side for rotational attachment
2. Two per side for fixed beam direction
Recommendations:
Screw type DIN 7985 M3, max. torque 0.6Nm
1
2
3
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
58 g
SHEET
1/1
SIZE
A3
DRAWING TITLE
FLORENTINA-4x1 assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C15028
FLORENTINA-4X1-SHD
PC
black
2
C15029
FLORENTINA-4X1-HLD
PC
black
3
-
CMC / MRK lenses
2
3.2
55.57
50
Bottom view
Dotted line is
recomenden cut out
when recessed
Front view
Isometric view
Scale:
3:4
Optional attachment 1
Optional side attachment 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com