Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC15665 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FC15665
Description  Florentina Pack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC15665 Datasheet(HTML) 1 Page - Ledil, Inc.

  FC15665 Datasheet HTML 1Page - Ledil, Inc. FC15665 Datasheet HTML 2Page - Ledil, Inc. FC15665 Datasheet HTML 3Page - Ledil, Inc. FC15665 Datasheet HTML 4Page - Ledil, Inc. FC15665 Datasheet HTML 5Page - Ledil, Inc. FC15665 Datasheet HTML 6Page - Ledil, Inc. FC15665 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Florentina series
last update 23/1/2018
DETAILS
Product Number
FC15665_FLORENTINA-2X2-O-WHT
Family
Florentina
Type
Pack
Color
white
Diameter
95,57x95,57 mm
Height
17,72 mm
Style
square
Optic Material
PC,PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
23/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-L
44+18 deg
70 %
2.500
-
LUXEON MZ
44+18 deg
74 %
2.400
-
Oslon Square Gen3
46+15 deg
73 %
2.900
-
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC15665

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC15661 LEDIL-FC15661 Datasheet
653Kb / 7P
Florentina Pack
logo
Cree, Inc
FC15662 CREE-FC15662 Datasheet
902Kb / 11P
Florentina series
logo
Ledil, Inc.
FC15663 LEDIL-FC15663 Datasheet
646Kb / 7P
Florentina Pack
FC15664 LEDIL-FC15664 Datasheet
651Kb / 7P
Florentina Pack
FC15666 LEDIL-FC15666 Datasheet
654Kb / 7P
Florentina Pack
More results

Similar Description - FC15665

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC14972 LEDIL-FC14972 Datasheet
1Mb / 17P
Florentina Pack
FC14974 LEDIL-FC14974 Datasheet
1Mb / 17P
Florentina Pack
FC14975 LEDIL-FC14975 Datasheet
1Mb / 15P
Florentina Pack
FC15349 LEDIL-FC15349 Datasheet
823Kb / 9P
Florentina Pack
FC15351 LEDIL-FC15351 Datasheet
816Kb / 9P
Florentina Pack
FC15352 LEDIL-FC15352 Datasheet
980Kb / 11P
Florentina Pack
FC15353 LEDIL-FC15353 Datasheet
872Kb / 9P
Florentina Pack
FC15661 LEDIL-FC15661 Datasheet
653Kb / 7P
Florentina Pack
FC15663 LEDIL-FC15663 Datasheet
646Kb / 7P
Florentina Pack
FC15666 LEDIL-FC15666 Datasheet
654Kb / 7P
Florentina Pack
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com