Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5954AM Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CS5954AM
Description  USB Controller for NAND Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CS5954AM Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CS5954AM Datasheet HTML 35Page - Cypress Semiconductor CS5954AM Datasheet HTML 36Page - Cypress Semiconductor CS5954AM Datasheet HTML 37Page - Cypress Semiconductor CS5954AM Datasheet HTML 38Page - Cypress Semiconductor CS5954AM Datasheet HTML 39Page - Cypress Semiconductor CS5954AM Datasheet HTML 40Page - Cypress Semiconductor CS5954AM Datasheet HTML 41Page - Cypress Semiconductor CS5954AM Datasheet HTML 42Page - Cypress Semiconductor CS5954AM Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
CS5954AM
ADVANCE
INFORMATION
Document #: 38-08025 Rev. **
Page 39 of 44
9.9
CS5954AM SRAM Read Cycle
Notes:
46. 0 wait state cycle.
47. tAC means at 0 wait states, with PCLK = 2/3 RCLK, the SRAM access time should be 12 ns max. For a 1-wait state cycle, with PCLK = 2/3 RCLK, the SRAM
access time should be at 12 + 31ns = 43 ns max. See register 0xC006 description for PCLK information.
Parameter
Description
Min.
Typical
Max.
tclk
Clock Period (48 MHz)
20.0 ns
20.8 ns
thigh
Clock HIGH Time
9 ns
11 ns
tlow
Clock LOW Time
9 ns
11 ns
trise
Clock Rise Time
5.0 ns
tfall
Clock Fall Time
5.0 ns
Duty Cycle
–5%
+5%
Parameter
Description
Min.
Typical
Max.
tCR
CS LOW to RD LOW
1 ns
tRDH
RD HIGH to data hold
5 ns
tCDH
CS HIGH to Data Hold
3 ns
tRPW
[46]
RD LOW Time
28 ns
31 ns
tAR
RD LOW to Address Valid
1 ns
3 ns
tAC
[47]
RAM Access to Data Valid
12 ns
Address
CS
RD
Din
tAR
tRPW
Data Valid
tCR
tAC
tRDH
tCDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com