Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCP13895 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCP13895
Description  Seanna Assembly
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCP13895 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCP13895 Datasheet HTML 1Page - Ledil, Inc. FCP13895 Datasheet HTML 2Page - Ledil, Inc. FCP13895 Datasheet HTML 3Page - Ledil, Inc. FCP13895 Datasheet HTML 4Page - Ledil, Inc. FCP13895 Datasheet HTML 5Page - Ledil, Inc. FCP13895 Datasheet HTML 6Page - Ledil, Inc. FCP13895 Datasheet HTML 7Page - Ledil, Inc. FCP13895 Datasheet HTML 8Page - Ledil, Inc. FCP13895 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT DATASHEET
Seanna series
last update 16/3/2017
DETAILS
Product Number
FCP13895_SEANNA-A
Family
Seanna
Type
Assembly
Color
black
Diameter
152,6 mm
Height
79 mm
Style
round
Optic Material
PMMA,PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
16/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MK-R
sim: 4
Real spot
-
sim: 82.000 -
XB-D
sim: 1,3
Real spot
-
sim: 698.000-
XM-L
sim: 2,4
Real spot
-
sim: 272.000-
XM-L2
sim: 2
Real spot
-
sim: 275.000-
XP-E
sim: 1,2
Real spot
-
sim: 955.000-
XP-E2
1 deg
Real spot
-
750.000
-
XP-G
sim: 1,4
Real spot
-
sim: 578.000-
XP-G2
sim: 1,4
Real spot
-
sim: 628.000-
XT-E
sim: 1,4
Real spot
-
sim: 519.000-
XQ-E
sim: 1,1
Real spot
-
sim: 1460.000
-
XHP50
sim: 3,3
Real spot
sim: 87 % sim: 122.000-
XHP70
sim: 4,3
Real spot
sim: 81 % sim: 69.900 -
XHP35 HD
sim: 2,4
Real spot
sim: 89 % sim: 257.000-
XQ-E HI
sim: 1,2
Real spot
sim: 90 % sim: 1300.000
-
XHP35 HI
sim: 1,6
Real spot
sim: 83 % sim: 496.000-
XP-L HI
1,6 deg
Real spot
94 %
492.000
-
LZ4 (00xW00)
sim: 3,3
Real spot
-
sim: 136.000-
LUXEON Rebel
sim: 1,3
Real spot
-
sim: 704.000-
LUXEON Rebel ES
sim: 1,6
Real spot
-
sim: 530.000-
LUXEON M/MX
sim: 3,6
Real spot
-
sim: 99.000 -
LUXEON S1000
sim: 3,8
Real spot
-
sim: 100.000-
SBT-90
sim: 2,3
Real spot
-
sim: 253.000-
NVSW3x9A
1,9 deg
Real spot
92 %
310.000
-
Oslon Square PC
sim: 1,5
Real spot
-
sim: 550.000-
Oslon Black Flat
1,2 deg
Real spot
94 %
1196.000
-
January 25th 2018 8:17 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCP13895

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCP13895 CREE-FCP13895 Datasheet
1Mb / 14P
Seanna series
logo
Ledil, Inc.
FCP13895 LEDIL-FCP13895 Datasheet
8Mb / 11P
~2.3째 spot beam. Assembly with holder.
FCP13895 LEDIL-FCP13895_18 Datasheet
8Mb / 11P
~2.3째 spot beam. Assembly with holder.
More results

Similar Description - FCP13895

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
SQFP100 ROHM-SQFP100 Datasheet
43Kb / 2P
LSI Assembly
logo
Cree, Inc
FCP13895 CREE-FCP13895 Datasheet
1Mb / 14P
Seanna series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com