Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15626 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FS15626
Description  Florence Assembly
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FS15626 Datasheet(HTML) 2 Page - Ledil, Inc.

  FS15626 Datasheet HTML 1Page - Ledil, Inc. FS15626 Datasheet HTML 2Page - Ledil, Inc. FS15626 Datasheet HTML 3Page - Ledil, Inc. FS15626 Datasheet HTML 4Page - Ledil, Inc. FS15626 Datasheet HTML 5Page - Ledil, Inc. FS15626 Datasheet HTML 6Page - Ledil, Inc. FS15626 Datasheet HTML 7Page - Ledil, Inc. FS15626 Datasheet HTML 8Page - Ledil, Inc. FS15626 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
g
SHEET
1/1
SIZE
A2
DRAWING TITLE
Datasheet_FLORENCE-3R-IP-Z90
PART NUMBER
F15542
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
A
H
B
G
C
F
5
4
6
3
7
2
8
1
321
22
65
65
65
65
22
3.4
x14
Top view
Scale:
1:1
9.35
Left view
Scale:
1:1
Isometric view
Scale:
1:1
Florence-3R-IP silicon sealant
Florence-3R-IP-Z90 Lens
Assembly Guide F15542_FLORENCE-3R-IP-Z90
1. Insert Silicone sealant into bottom of FLORENCE-3R-IP-Z90 lens
2. Set lens and silicone sealant on top of PCB
3. Fasten lens to heatsink with 14pcs of M3 screws
Screw type DIN 7985 M3, Max torque 0.6Nm
26
142.35
4.51
182
280.6
83.63
196.79
13.22
Bottom view
Scale:
1:1
A
6.3
1.3
Detail A
Scale:
4:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com