Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15786 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FS15786
Description  Florence Assembly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FS15786 Datasheet(HTML) 1 Page - Ledil, Inc.

  FS15786 Datasheet HTML 1Page - Ledil, Inc. FS15786 Datasheet HTML 2Page - Ledil, Inc. FS15786 Datasheet HTML 3Page - Ledil, Inc. FS15786 Datasheet HTML 4Page - Ledil, Inc. FS15786 Datasheet HTML 5Page - Ledil, Inc. FS15786 Datasheet HTML 6Page - Ledil, Inc. FS15786 Datasheet HTML 7Page - Ledil, Inc. FS15786 Datasheet HTML 8Page - Ledil, Inc. FS15786 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT DATASHEET
Florence series
last update 30/3/2017
DETAILS
Product Number
FS15786_FLORENCE-3R-IP-Z60
Family
Florence
Type
Assembly
Color
clear
Diameter
321 + 79 mm
Height
10,5 mm
Style
rectang
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
30/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G2
sim: 60
sim: 92 % sim: 0.900 -
LG 6030
60 deg
86 %
0.720
-
LUXEON 5050
sim: 64
sim: 94 % sim: 0.770 -
NVSxx19B/NVSxx19C
59 deg
87 %
0.750
-
Oslon Square Gen3
59 deg
88 %
0.780
-
Fortimo LED Line 1ft 2000lm 8xx 3R HV262 deg
86 %
0.710
-
Fortimo LED Line 1ft 1100lm xx0 3R xV2/xV3
59 deg
87 %
0.740
-
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
59 deg
86 %
0.760
-
Z8Y22
sim: 62
sim: 93 % sim: 0.770 -
Z8Y22P
sim: 63
sim: 93 % sim: 0.750 -
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FS15786

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FS1575 FARADAY-FS1575 Datasheet
26Kb / 2P
SDI VIDEO SPLITTER
More results

Similar Description - FS15786

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14530 CREE-C14530 Datasheet
2Mb / 43P
Florence series
C14642 CREE-C14642 Datasheet
2Mb / 49P
Florence series
C14454 CREE-C14454 Datasheet
2Mb / 37P
Florence series
F14344 CREE-F14344 Datasheet
2Mb / 43P
Florence series
F15684 CREE-F15684 Datasheet
826Kb / 7P
Florence series
logo
Ledil, Inc.
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
FS15847 LEDIL-FS15847 Datasheet
2Mb / 27P
Florence Assembly
FS15626 LEDIL-FS15626 Datasheet
3Mb / 17P
Florence Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com