Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACi4400HH Datasheet(PDF) 1 Page - ebm-papst

Part # ACi4400HH
Description  GreenTech EC tubeaxial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACi4400HH Datasheet(HTML) 1 Page - ebm-papst

  ACi4400HH Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GreenTech EC tubeaxial fans
Ø 119 x 38 mm
Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
Direction of air flow: Exhaust over struts
Direction of rotation: Clockwise,
looking towards rotor
Connection:
with 2 flat pins 2.8 x 0.5
(not with IP65) optional
flying leads
Highlights:
Fully integrated converter
and fan electronics. ACi4400
models are universally usable
for all main voltages between
90 and 264 VAC. Compact
design and lightweight.
Weight:
275 g
Possible special versions:
- Speed signal
- PWM speed control
- Analog speed control
- Moisture protection
- Salt spray protection
- Degree of protection: IP 65
- Compliance for use in systems with
flammable refrigerant charge up
to 150 g
(1) Fiberglass-reinforced plastic
Subject to change
Rotor protrusion max. 0.6 mm.
Nominal Data
Type
m3/h cfm
VAC
Hz
VAC
dB(A)
Bel(A)
/
Watts
rpm-1
°
C
Hours
Hours
ACi4400HHAU*
175
103
100...240
50 / 60
90...264
43
5.5
4.5
3,300
-40...+75
65,000 / 25,000
110,000
ACi4400/2HHP**
175
103
100...240
50 / 60
90...264
43
5.5
4.5
3,300
-40...+75
65,000 / 25,000
110,000
ACi4420ML
100
59
230
50 / 60 195...265
25
4.1
1.7
1,850
-40...+75
65,000 / 25,000
110,000
ACi4420N
147
86
230
50 / 60 195...265
36
4.9
2.8
2,700
-40...+75
65,000 / 25,000
110,000
ACi4420H
160
94
230
50 / 60 195...265
39
5.1
3.2
3,000
-40...+75
65,000 / 25,000
110,000
ACi4420HH
175
103
230
50 / 60 195...265
43
5.5
4.4
3,300
-40...+75
65,000 / 25,000
110,000
ACi4410HH
175
103
115
50 / 60
85...132
43
5.5
4.4
3,300
-40...+75
65,000 / 25,000
110,000
ACi4400L
78
46
100...240
50 / 60
90...264
23
3.7
1.1
1,500
-40...+75
65,000 / 25,000
110,000
ACi4400MLR***
100
59
100...240
50 / 60
90...264
25
4.1
1.7
1,850
-40...+75
65,000 / 25,000
110,000
ACi4400H
160
94
100...240
50 / 60
90...264
39
5.2
3.8
3,000
-40...+75
65,000 / 25,000
110,000
ACi4400HH
175
103
100...240
50 / 60
90...264
43
5.5
4.4
3,300
-40...+75
65,000 / 25,000
110,000
1
8
2
8
3
5
7
4
6
8
8
5
6
7
8
Air performance measured
according to: ISO 5801. Installation
category A, without contact
protection. Noise: Total sound
power level LWA ISO 10302
measured on a hemisphere with
a radius of 2 m. Sound pressure
level LpA measured at 1 m distance
from fan axis. The values given are
applicable only under the specified
measuring conditions and may
differ depending on the installation
conditions. In the event of deviation
from the standard configuration, the
parameters must be checked after
installation! For detailed information
see http://www.ebmpapst.com/
general conditions
* analog (5-10 VDC) speed control input, IP 65
** PWM speed control input and 2ppr, open collector tach output
*** moisture protection


Similar Part No. - ACi4400HH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4400 EBMPAPST-ACI4400 Datasheet
1Mb / 15P
ACmaxx / i-maxx
More results

Similar Description - ACi4400HH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
EC centrifugal fans
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
EC centrifugal fans
W3G910-GZ10-19F EBMPAPST-W3G910-GZ10-19F Datasheet
782Kb / 2P
EC axial fans
W3G800-GV10-19F EBMPAPST-W3G800-GV10-19F Datasheet
650Kb / 2P
EC axial fans
W3G800-GT22-11F EBMPAPST-W3G800-GT22-11F Datasheet
708Kb / 2P
EC axial fans
W3G710-GU30-19F EBMPAPST-W3G710-GU30-19F Datasheet
1Mb / 2P
EC axial fans
W3G250 EBMPAPST-W3G250 Datasheet
762Kb / 2P
EC axial fans
W3G200 EBMPAPST-W3G200 Datasheet
380Kb / 2P
EC axial fans
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
AC & EC FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com