Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHK Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320VC5471GHK
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHK Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5471GHK Datasheet HTML 9Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 10Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 11Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 12Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 13Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 15Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
Introduction
4
June 2001 – Revised December 2002
SPRS180C
2.2
Pin Assignments
Figure 2–2 illustrates the ball locations for the 257-ball ball grid array (BGA) package and is used in
conjunction with Table 2–1 to locate signal names and ball grid numbers.
19
17
16
13
14
15
11
12
9
8
10
V
U
W
R
N
P
L
M
K
T
7
5
6
3
4
H
F
G
E
C
D
1
A
B
2
J
18
Figure 2–2. 257-Ball GHK Package (Bottom View)
Table 2–1.
Pin Assignments for the GHK Package
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
B2
GPIO02
B1
GPIO03
D3
GPIO04
C2
GPIO05/
SDRAM_CKE
C1
GPIO06/
CLK16X_IRDA/SD_IRDA
D2
GPIO07/
TX_IRDA/TXIR_IRDA
D1
GPIO08/
RX_IRDA/RXIR_IRDA
E3
DVDD
F5
GPIO09/
TX_MODEM
G6
VSS
E2
GPIO10/
RX_MODEM
E1
GPIO11/
CTS_MODEM
F3
GPIO12/
RTS_MODEM
F2
GPIO13/
DCD_MODEM
G5
CVDD
F1
GPIO18/
AUDIO_CLK
H6
GPIO19/
TIMER_OUT
G3
GPIO00
G2
GPIO14/
MCUEN2
G1
GPIO16/
SDA
H5
DVDD
H3
GPIO17/
SCL
H2
VSS
H1
KBGPIO14/
DSP_CLKOUT
J1
KBGPIO02/
ARM_OPC
J2
KBGPIO03/
ARM_MREQ
J3
KBGPIO04/
ARM_EXEC
J5
KBGPIO06/
ARM_FIQ
J6
KBGPIO07/
ARM_IRQ
K1
KBGPIO13/
DSP_TOUT
K2
KBGPIO11/
DSP_IAQ
K3
CVDD
K5
KBGPIO05/
ARM_TBIT
K6
KBGPIO01/
DSP_XF
L1
KBGPIO15/
ARM_MCLK
L2
KBGPIO00
L3
VSS
L6
KBGPIO12/
DSP_MSC
L5
KBGPIO10/
DSP_IACK
M1
KBGPIO08
NOTE: DVDD is the 3.3 V power supply for the I/O pins while CVDD is the 1.8 V power supply for the core CPU. VSS is the ground for both the
I/O pins and the core CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com