Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2753SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2753SD
Description  High Power Switched Capacitor Voltage Convertor/Flash LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2753SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2753SD Datasheet HTML 1Page - National Semiconductor (TI) LM2753SD Datasheet HTML 2Page - National Semiconductor (TI) LM2753SD Datasheet HTML 3Page - National Semiconductor (TI) LM2753SD Datasheet HTML 4Page - National Semiconductor (TI) LM2753SD Datasheet HTML 5Page - National Semiconductor (TI) LM2753SD Datasheet HTML 6Page - National Semiconductor (TI) LM2753SD Datasheet HTML 7Page - National Semiconductor (TI) LM2753SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2753
High Power Switched Capacitor Voltage Convertor/Flash
LED Driver
General Description
The LM2753 is capable of driving a Flash LED with a pulsed
current of 400mA at an input voltage of 3.6V. A switched
capacitor doubler, the LM2753 provides a regulated 5V out-
put (V
OUT) over an input supply range of 3.0V to 5.5V. The
switched output, I
OUT, takes less than 10ns to turn on and
provide maximum current to a Flash LED. Flash LED current
is set via a ballast resistor. Continuous illumination current
(Torch Mode) is programmed by connecting a resistor be-
tween I
OUT and VOUT. This device uses only three small,
low-cost ceramic capacitors.
LM2753 uses Pulse Frequency Modulation (PFM) regula-
tion. Typical operating frequency is 725kHz. Under no-load
conditions, LM2753 operates on only 60µA. If the output is
connected to ground, the charge pump stays in the gain of 1
which helps limit the input current to 300mA (typ.)
LM2753 is available in a 10-pin No Pullback Leadless Lead-
frame Package: LLP-10.
Features
n
Input Voltage Range: 3.0V to 5.5V
n
Regulated 5V Output
n
250mA Output Current with a 3.6V input
n
400mA Pulsed Output Current (up to 500ms duration)
n
60µA (typ.) Quiescent Current
n
PFM Regulation
n
Inductor-less solution: requires only 3 small capacitors
n
<1µA Typical Shutdown Current
n
10-pin LLP Package (No Pullback):
3mm x 3mm x 0.75mm
Applications
n
Cell Phone Camera Flash
n
General Purpose Regulated Voltage Output, High
Current Supply
Typical Application Circuit
20140601
February 2005
© 2005 National Semiconductor Corporation
DS201406
www.national.com


Similar Part No. - LM2753SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2753SD/NOPB TI1-LM2753SD/NOPB Datasheet
1Mb / 20P
LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2753SDX/NOPB TI1-LM2753SDX/NOPB Datasheet
1Mb / 20P
LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
More results

Similar Description - LM2753SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2754 TI1-LM2754 Datasheet
2Mb / 19P
LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com