Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6574MA
Description  4:1 High Speed Video Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574MA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6574MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6574MA Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Other Applications (Continued)
output under capacitive loading. Capacitive loads of
5 to 120 pF are the most critical, causing ringing, frequency
response peaking and possible oscillation. The chart “Sug-
gested R
OUT vs. Cap Load” gives a recommended value for
selecting a series output resistor for mitigating capacitive
loads. The values suggested in the charts are selected for
0.5 dB or less of peaking in the frequency response. This
gives a good compromise between settling time and band-
width. For applications where maximum frequency response
is needed and some peaking is tolerable, the value of R
OUT
can be reduced slightly from the recommended values.
LAYOUT CONSIDERATIONS
Whenever questions about layout arise, use the evaluation
board as a guide. The LMH730276 is the evaluation board
supplied with samples of the LMH6574. To reduce parasitic
capacitances, ground and power planes should be removed
near the input and output pins. For long signal paths con-
trolled impedance lines should be used, along with imped-
ance matching elements at both ends. Bypass capacitors
should be placed as close to the device as possible. Bypass
capacitors from each rail to ground are applied in pairs. The
larger electrolytic bypass capacitors can be located farther
from the device, the smaller ceramic capacitors should be
placed as close to the device as possible. In Figure 1, the
capacitor between V
+ and V− is optional, but is recom-
mended for best second harmonic distortion. Another way to
enhance performance is to use pairs of 0.01µF and 0.1µF
ceramic capacitors for each supply bypass.
POWER DISSIPATION
The LMH6574 is optimized for maximum speed and perfor-
mance in the small form factor of the standard SOIC pack-
age. To ensure maximum output drive and highest perfor-
mance, thermal shutdown is not provided. Therefore, it is of
utmost importance to make sure that the T
JMAX is never
exceeded due to the overall power dissipation.
Follow these steps to determine the Maximum power dissi-
pation for the LMH6574:
1.
Calculate the quiescent (no-load) power: P
AMP =ICC*
(V
S), where VS =V
+ -V−.
2.
Calculate the RMS power dissipated in the output stage:
P
D (rms) = rms ((VS -VOUT)*IOUT), where VOUT and
I
OUT are the voltage across and the current through the
external load and V
S is the total supply voltage.
3.
Calculate the total RMS power: P
T =PAMP +PD.
The maximum power that the LMH6574 package can dissi-
pate at a given temperature can be derived with the following
equation:
P
MAX = (150˚ – TAMB)/
θ
JA, where TAMB = Ambient tempera-
ture (˚C) and
θ
JA = Thermal resistance, from junction to
ambient, for a given package (˚C/W). For the SOIC package
θ
JA is 130 ˚C/W.
20119724
FIGURE 6. Decoupling Capacitive Loads
20119715
FIGURE 7. Suggested R
OUT vs. Capacitive Load
20119714
FIGURE 8. Frequency Response vs. Capacitive Load
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com