Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7448990010 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7448990010
Description  WE-MCRI SMD Molded Coupled Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448990010 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448990010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448990010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448990010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448990010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448990010 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
3
2
1
4
10,0
2,0
u0,2
2,5
u0,2
Scale - 2:1
Start of Winding
•
Marking
010 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
2,0
8,0
1
4
3
2
Scale - 3:1
Schematic:
4
1
3
2
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance 1
100 kHz/ 100 mV
L1
1
µH
±20%
Inductance 2
100 kHz/ 100 mV
L2
1
µH
±20%
Rated Current 1
ΔT = 40 K
IR 1
17
A
max.
Rated Current 2
ΔT = 40 K
IR 2
17
A
max.
Saturation Current 1
|ΔL/L| < 30 %
ISAT 1
43.5
A
typ.
Saturation Current 2
|ΔL/L| < 30 %
ISAT 2
43.5
A
typ.
DC Resistance 1
@ 20 °C
4.5
mΩ
typ.
DC Resistance 1
@ 20 °C
5.6
mΩ
max.
DC Resistance 2
@ 20 °C
4.5
mΩ
typ.
DC Resistance 2
@ 20 °C
5.6
mΩ
max.
Self Resonant Frequency
fres
35
MHz
typ.
Turns Ratio
n
1:1
Rated Voltage
UR
60
V
max.
Leakage Inductance
LS
0.17
µH
typ.
Coupling Coefficient
K
0.91
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ArPa
DIN ISO 2768-1m
DESCRIPTION
WE-MCRI SMD Molded Coupled
Inductor
ORDER CODE
7448990010
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1090
001.000
Valid
2017-07-18
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7448990010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448990015 WURTH-7448990015 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
More results

Similar Description - 7448990010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448990015 WURTH-7448990015 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990022 WURTH-7448990022 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990033 WURTH-7448990033 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990047 WURTH-7448990047 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990068 WURTH-7448990068 Datasheet
369Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990082 WURTH-7448990082 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990100 WURTH-7448990100 Datasheet
386Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990150 WURTH-7448990150 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990220 WURTH-7448990220 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
7448990330 WURTH-7448990330 Datasheet
370Kb / 5P
WE-MCRI SMD Molded Coupled Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com