Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF80902 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEF80902
Description  4B3T Second Gen. Modular ISDN NT(Ordinary)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF80902 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEF80902 Datasheet HTML 17Page - Infineon Technologies AG PEF80902 Datasheet HTML 18Page - Infineon Technologies AG PEF80902 Datasheet HTML 19Page - Infineon Technologies AG PEF80902 Datasheet HTML 20Page - Infineon Technologies AG PEF80902 Datasheet HTML 21Page - Infineon Technologies AG PEF80902 Datasheet HTML 22Page - Infineon Technologies AG PEF80902 Datasheet HTML 23Page - Infineon Technologies AG PEF80902 Datasheet HTML 24Page - Infineon Technologies AG PEF80902 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
PEF 80902
Functional Description
Data Sheet
13
2001-11-12
2
Functional Description
2.1
Reset Generation
External Reset Input
At the RST input an external reset can be applied forcing the T-SMINTâO in the reset
state. This external reset signal is additionally fed to the RSTO output.
Reset Ouput
If VDDDET is active, then the deactivation of a reset output on RSTO is delayed by
tDEACT (see Table 28).
Reset Generation
The T-SMINTâO has an on-chip reset generator based on a Power-On Reset (POR) and
Under Voltage Detection (UVD) circuit (see Table 28). The POR/UVD requires no
external components.
The POR/UVD circuit can be disabled via pin VDDDET.
The requirements on VDD ramp-up during power-on reset are described in
Chapter 4.6.3.
Clocks and Data Lines During Reset
During reset the data clock (DCL) and the frame synchronization (FSC) keep running.
During reset DD and DU are high; with the exception of:
• The output C/I code from the U-Transceiver on DD is ’DR’ = 0000
• The output C/I code from the S-Transceiver on DU is ’TIM’ = 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com