Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HNTT40 Datasheet(PDF) 4 Page - Inolux Corporation

Part # HNTT40
Description  Technologies 0.4 Triple Digit Numeric Display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNTT40 Datasheet(HTML) 4 Page - Inolux Corporation

  HNTT40 Datasheet HTML 1Page - Inolux Corporation HNTT40 Datasheet HTML 2Page - Inolux Corporation HNTT40 Datasheet HTML 3Page - Inolux Corporation HNTT40 Datasheet HTML 4Page - Inolux Corporation HNTT40 Datasheet HTML 5Page - Inolux Corporation HNTT40 Datasheet HTML 6Page - Inolux Corporation HNTT40 Datasheet HTML 7Page - Inolux Corporation HNTT40 Datasheet HTML 8Page - Inolux Corporation HNTT40 Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
0.4” Triple Digit
Seven Segment Numeric Display
HNTT40 Series
Official Product
HNTT40 Series
Customer Part No.
Data Sheet No.
****************
****************
HNTT40 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
May 02, 2013
Version of 1.0
Page
4/17
Orderable Information
H
N
T
T
40
X
X
X
-
X
X
X
X
Series Name
Digit Height
Color Code
Polarity
Customer Code
HNTT
H: Inolux Technologies
N: Numeric
T: Through Hole
T: Triple digit
40:
0.4” digit height
UB: 470nm InGaN Blue
UTG: 525nm InGaN True Green
UYG: 570nm AllnGaP Yellow Green
UY: 590nm AllnGaP Yellow
UA: 606nm AllnGaP Amber
UR: 625nm AllnGaP Hyper Red
USR: 639nm AllnGaP Super Red
CA:
Common Anode
CC:
Common Cathode
XXXX:
Customer specific
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com