Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-12H Datasheet(PDF) 10 Page - Inolux Corporation

Part # HT-12H
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-12H Datasheet(HTML) 10 Page - Inolux Corporation

Back Button HT-12H Datasheet HTML 6Page - Inolux Corporation HT-12H Datasheet HTML 7Page - Inolux Corporation HT-12H Datasheet HTML 8Page - Inolux Corporation HT-12H Datasheet HTML 9Page - Inolux Corporation HT-12H Datasheet HTML 10Page - Inolux Corporation HT-12H Datasheet HTML 11Page - Inolux Corporation HT-12H Datasheet HTML 12Page - Inolux Corporation HT-12H Datasheet HTML 13Page - Inolux Corporation HT-12H Datasheet HTML 14Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
InGaN Chip Led
HT-12H Series
Official Product
Product: HT-12H Series
Data Sheet No.
Tentative Product
****************
HT-12H Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
10/21
Product Characteristics
Absolute Maximum Ratings
Product
Emission Color
Pd (mW)
IF (mA)
IFP* (mA)
VR (V)
TOP (oC)
TST (oC)
HT-121NB5
Blue
78
20
80
5
-30
oC~+80oC
-40
oC~+85oC
HT-121NG5
True Green
HT-121TW5
White
* Condition for IFP is pulse of 1/10 duty and 0.1msec width
Electro-Optical Characteristics
(Ta 25 oC)
Product
Emission
Color
IF(mA)
VF(V)
λ(nm)
I*V(mcd)
typ
max
λD
λP
△λ
typ
HT-121NB5
Blue
5
2.8
3.15
470
468
40
22
HT-121NG5
True Green
5
2.8
3.15
527
520
40
112.5
HT-121TW5
White
5
2.8
3.15
X=0.29
Y=0.31
-
-
90
* Per NIST standards
**Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com