Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF300 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF300
Description  100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF300 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF300 Datasheet HTML 1Page - Micrel Semiconductor MICRF300 Datasheet HTML 2Page - Micrel Semiconductor MICRF300 Datasheet HTML 3Page - Micrel Semiconductor MICRF300 Datasheet HTML 4Page - Micrel Semiconductor MICRF300 Datasheet HTML 5Page - Micrel Semiconductor MICRF300 Datasheet HTML 6Page - Micrel Semiconductor MICRF300 Datasheet HTML 7Page - Micrel Semiconductor MICRF300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MICRF300
April 2012
2
M9999-041712-B
Ordering Information
Part Number
Temp. Range
Package
Top Mark
MICRF300YC6
–40°C to +125°C
SC70-6
XE1
Notes:
1. Under bar symbol (_) may not be to scale.
Pin Configuration
SC70-6 (C6)
Pin Description
Pin
Number
Pin
Name
Pin Function
1
EN
Enable Logic Input. Logic high enables the part. Logic low disables the part.
2, 4
GND
Ground. Connect to PCB ground plane.
3
RFIN
RF Input. DC blocking and matching network is required.
5
RFOUT
RF Output. Connect a pull-up inductor to the supply and a matching network to the load.
6
VCC
Supply Voltage. Connect a 0.1μF bypass capacitor as close to the pin as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com