Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF8JCT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGF8JCT
Description  Dual Ultrafast Plastic Rectifier Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8JCT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGF8JCT Datasheet HTML 1Page - Vishay Siliconix UGF8JCT Datasheet HTML 2Page - Vishay Siliconix UGF8JCT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG8JCT, UGF8JCT, UGB8JCT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88766
2
03-Jul-02
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG8HCT
UG8JCT
Unit
Maximum repetitive peak reverse voltage
VRRM
500
600
V
Maximum working reverse voltage
VRWM
400
480
V
Maximum RMS voltage
VRMS
350
420
V
Maximum DC blocking voltage
VDC
500
600
V
Maximum average forward rectified current
IF(AV)
8.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
65
A
superimposed on rated load (JEDEC Method) per leg at TC = 100°C
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
RMS Isolation voltage (UGF types only)
4500(1)
from terminals to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG8HCT
UG8JCT
Unit
Maximum instantaneous
IF = 4A, TJ = 25°C
VF
1.75
V
forward voltage per leg (4)
IF = 4A, TJ = 125°C
1.50
TJ = 25°C
30
µA
Maximum DC reverse current per leg at VRWM TJ = 100°C
IR
800
µA
TJ = 125°C
4.0
mA
Maximum reverse recovery time per leg at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
25
ns
Maximum reverse recovery time per leg at
trr
50
ns
IF = 1.0A, di/dt = 50A/
µs, VR = 30V, Irr = 0.1 IRM
Typical softness factor (tb/ta)
S
0.9
—
IF = 4.0A, di/dt = 240A/
µs, VR = 400V, Irr = 0.1 IRM
Maximum reverse recovery current per leg at
IRM
3.0
A
IF = 4.0A, di/dt = 32A/
µs, VR = 400V, TC = 125°C
Maximum reverse recovery current per leg at
IRM
8A
IF = 4.0A, di/dt = 240A/
µs, VR = 400V, TC = 125°C
Peak forward recovery time per leg at
tfr
500
ns
IF = 4.0A, di/dt = 64A/
µs, VF = 1.1VFmax
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG8
UGF8
UGB8
Unit
Typical thermal resistance from junction to case
R
θJC
3.5
6.0
3.5
°C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
UG8HCT - UG8JCT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
UGF8HCT - UGF8JCT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
UGB8HCT - UGB8JCT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com