Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-110UD Datasheet(PDF) 17 Page - Inolux Corporation

Part # HT-110UD
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-110UD Datasheet(HTML) 17 Page - Inolux Corporation

Back Button HT-110UD Datasheet HTML 13Page - Inolux Corporation HT-110UD Datasheet HTML 14Page - Inolux Corporation HT-110UD Datasheet HTML 15Page - Inolux Corporation HT-110UD Datasheet HTML 16Page - Inolux Corporation HT-110UD Datasheet HTML 17Page - Inolux Corporation HT-110UD Datasheet HTML 18Page - Inolux Corporation HT-110UD Datasheet HTML 19Page - Inolux Corporation HT-110UD Datasheet HTML 20Page - Inolux Corporation HT-110UD Datasheet HTML 21Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Side-emitting (1306)
HT-110 Series
Official Product
Product: HT-110 Series
Data Sheet No.
Tentative Product
****************
HT-110 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
17/24
Packaging
Tape Dimension
Part No.
Dim. A
Dim. B
Dim. C
Q’ty/Reel
HT-110 3.40
±0.10 1.70±0.10 1.20±0.10
3K
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com