Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-B2592USD/NG Datasheet(PDF) 4 Page - Inolux Corporation

Part # HT-B2592USD/NG
Description  Harvatek Surface Mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-B2592USD/NG Datasheet(HTML) 4 Page - Inolux Corporation

  HT-B2592USD/NG Datasheet HTML 1Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 2Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 3Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 4Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 5Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 6Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 7Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 8Page - Inolux Corporation HT-B2592USD/NG Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Side Mount 1206 (3216) with Dome Lens
HT-B259 Series
Official Product
Product: HT-B259 Series
Data Sheet No.
Tentative Product
****************
HT-B259 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 22, 2013
Version of 1.0
Page
4/17
Product Specifications
Product
Emission Color
Technology
Test Current
IF (mA)
Luminous
Intensity
IV (mcd)
Forward
Voltage
VF (V)
Orderable
Part Number
HT-B2591NG
Green
InGaN
20
450 typ.
3.3 typ.
HT-2591NG
HT-B2592USD/NG
Red / Green
AlInGaP /
InGaN
20
360/450 typ. 1.9/3.3 typ. HT-B2592USD/NG
Specification
Material
Quantity
Resin
diffused
Epoxy resin
Carrier tape
Per EIA 481-1A specs
Conductive black tape
2000pcs per reel
Reel
Per EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com