Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-F196 Datasheet(PDF) 19 Page - Inolux Corporation

Part # HT-F196
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-F196 Datasheet(HTML) 19 Page - Inolux Corporation

Back Button HT-F196 Datasheet HTML 13Page - Inolux Corporation HT-F196 Datasheet HTML 14Page - Inolux Corporation HT-F196 Datasheet HTML 15Page - Inolux Corporation HT-F196 Datasheet HTML 16Page - Inolux Corporation HT-F196 Datasheet HTML 17Page - Inolux Corporation HT-F196 Datasheet HTML 18Page - Inolux Corporation HT-F196 Datasheet HTML 19Page - Inolux Corporation HT-F196 Datasheet HTML 20Page - Inolux Corporation HT-F196 Datasheet HTML 21Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Top View (0603)
HT-F196 Series
Official Product
Product: HT-F196 Series
Data Sheet No.
Tentative Product
****************
HT-F196 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 23, 2013
Version of 1.0
Page
19/21
Reflow Soldering
Recommend soldering paste specifications:
1. Operating temp.: Above 220°C, 60sec
2. Peak temp.:260°C Max., 10sec Max.
3. Never take next process until the component is cooled down to room temperature after
reflow.
4. The recommended reflow soldering profile (measuring on the surface of the LED terminal)
is following:
Lead-free Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com