Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-F196UD Datasheet(PDF) 12 Page - Inolux Corporation

Part # HT-F196UD
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-F196UD Datasheet(HTML) 12 Page - Inolux Corporation

Back Button HT-F196UD Datasheet HTML 8Page - Inolux Corporation HT-F196UD Datasheet HTML 9Page - Inolux Corporation HT-F196UD Datasheet HTML 10Page - Inolux Corporation HT-F196UD Datasheet HTML 11Page - Inolux Corporation HT-F196UD Datasheet HTML 12Page - Inolux Corporation HT-F196UD Datasheet HTML 13Page - Inolux Corporation HT-F196UD Datasheet HTML 14Page - Inolux Corporation HT-F196UD Datasheet HTML 15Page - Inolux Corporation HT-F196UD Datasheet HTML 16Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Top View (0603)
HT-F196 Series
Official Product
Product: HT-F196 Series
Data Sheet No.
Tentative Product
****************
HT-F196 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 23, 2013
Version of 1.0
Page
12/21
Electro-Optical Characteristics
(Ta 25 oC)
Product
Emission
Color
IF(mA)
VF(V)
λ(nm)
I*V(mcd)
typ
max
λD
λP
△λ
typ
HT-F196UYG
Ultra Bright
Yellow Green
20
2.0
2.4
573
574
20
112.5
HT-F196UY
Ultra Bright
Yellow
20
1.9
2.4
589
593
15
112.5
HT-F196UD
Ultra Bright
Orange
20
1.9
2.4
605
609
17
112.5
HT-F196USD
Ultra Bright
Red
20
1.9
2.4
622
636
17
112.5
HT-F196NB5
Blue
5
2.8
3.15
470
468
40
28
HT-F196NG5
True Green
5
2.8
3.15
527
520
40
180
HT-F196TW5
White
5
2.8
3.15
C2/D1
-
-
180
* Per NIST standards
Package Outline Dimension
Recommended Soldering Pattern for Reflow Soldering
Unit: mm Tolerance: +/-0.1
Outline Dimension
Solder Pattern
Soldering terminals may shift in the x, y direction.
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com