Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTLP912UB.GR Datasheet(PDF) 6 Page - Inolux Corporation

Part # HTLP912UB.GR
Description  International Lead Frame Axial Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HTLP912UB.GR Datasheet(HTML) 6 Page - Inolux Corporation

Back Button HTLP912UB.GR Datasheet HTML 2Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 3Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 4Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 5Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 6Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 7Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 8Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 9Page - Inolux Corporation HTLP912UB.GR Datasheet HTML 10Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HTLP912XXX Series
Axial
Through Hole Lamp
Official Product
HTLP912XXX series
Customer Part No.
Data Sheet No.
****************
****************
HTLP912XXX series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 27, 2013
Version of 1.0
Page
6/12
Electrical and Optical Characteristic ( @ 25 degree C )
Parameter
UR
UYG
UTG
UY
Test Condition
Luminous Intensity:
Min (mcd)
Typ (mcd)
1000
1000
1500
1000
If=20mA
1500
2000
3000
2000
If=20mA
Forward voltage (Vf)
Typ
Max
2.2
3.3
3.3
2.2
If=20mA
2.6
3.8
3.8
2.6
If=20mA
Dominant Wavelength (nm)
624
505
525
590
If=20mA
Viewing angle
25
25
25
25
If=20mA
- Brightness tolerance = +/- 10%
Parameter
USR
UB
TW
Test Condition
Luminous Intensity:
Min (mcd)
Typ (mcd)
250
400
1500
If=20mA
550
1000
3000
If=20mA
Forward voltage (Vf)
Typ
Max
2.2
3.3
3.3
If=20mA
2.6
3.8
3.8
If=20mA
Dominant Wavelength (nm)
605
470
X=0.30
Y=0.31
If=20mA
Viewing angle
25
25
30
If=20mA
- Brightness tolerance = +/- 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com