Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1046 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1046
Description  90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.5 GHz Rated to 200 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1046 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1046 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1046 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1046 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1046 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1046 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1046 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Size
Length
2.2 in [55.88 mm]
Width
0.2 in [5.08 mm]
Height
0.8 in [20.32 mm]
Weight
0.103 lbs [46.72 g]
Configuration
RF Connector Type
Pin
Contact Material and Plating
Silver, Gold
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Typical Performance Data
-40
-35
-30
-25
-20
-15
-10
-5
0
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
0 dB
800 MHz
Return Loss and Isolation
Return Loss
Isolation
PE2CP1046
PE2CP1046 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.5 GHz Rated to 200 Watts PE2CP1046
90 Degree Drop-In Hybrid Coupler From
800 MHz to 2.5 GHz Rated to 200 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com