Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1069
Description  Low PIM Directional 20 dB N Coupler To 2.7 GHz Rated to 200 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1069 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Low PIM (-155 dBc)
• 200 Watt Rating
• 678 – 2,700 MHz
• 20 dB Coupling Factor
• VSWR 1.23 Maximum
• N Female Connector
Applications
• Indoor/Outdoor Use (IP67)
• Base Station
• 4G/AWS/PCS
• Low PIM
• Distributed Antenna Systems
(DAS)
• Wireless Infrastructure
.
Description
The PE2CP1069 is a 20 dB direction coupler with N Female connectors rated to 200 watts. Insertion loss is a low 0.25 dB.
The total path loss (including accuracy, frequency variations, dissipative loss and theoretical loss due to coupling) is 0.31 dB.
Pasternack’s family of Low PIM couplers are tapered designs that cover the 678 to 2,700 MHz frequency range. Offered in a
broad range of coupling values to allow flexibility in the design of your low PIM system: 6, 10, 15, 20, and 30 dB. Especially
designed and manufactured for the rigors of low PIM systems, this family of couplers is rated at an average power of 200
watts, and have PIM performance of -155 dBc or better. They can be used indoor or outdoor as they meet the moisture
requirements of IP67. If higher power is needed please consider Pasternack’s unequal tappers. All couplers are available in
four different connector types: N, DIN 7-16, MiniDIN 4.3-10, and MiniDIN 4.1-9.5.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.698
2.7
GHz
Impedance
50
Ohms
Coupling
20 ±1.2
dB
Frequency Sensitivity
±0.6
dB
Main Line Loss
0.31
dB
Insertion Loss
0.25
dB
Directivity
20
dB
Main Line VSWR
1.23:1
Secondary Line VSWR
1.29:1
Passive Intermodulation
-155
dBc
2x20W
Input Power (CW)
200
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 20 dB N Coupler To 2.7 GHz Rated to 200 Watts PE2CP1069
PE2CP1069 REV 1.0
Low PIM Directional 20 dB N Coupler To
2.7 GHz Rated to 200 Watts
Couplers Technical Data Sheet
PE2CP1069


Similar Part No. - PE2CP1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1060 PASTERNACK-PE2CP1060 Datasheet
481Kb / 5P
Low PIM Directional 6 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1061 PASTERNACK-PE2CP1061 Datasheet
479Kb / 5P
Low PIM Directional 10 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1062 PASTERNACK-PE2CP1062 Datasheet
492Kb / 5P
Low PIM Directional 10 dB 7/16 DIN Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1063 PASTERNACK-PE2CP1063 Datasheet
478Kb / 5P
Low PIM Directional 10 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1064 PASTERNACK-PE2CP1064 Datasheet
481Kb / 5P
Low PIM Directional 10 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
More results

Similar Description - PE2CP1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1057 PASTERNACK-PE2CP1057 Datasheet
489Kb / 5P
Low PIM Directional 6 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1060 PASTERNACK-PE2CP1060 Datasheet
481Kb / 5P
Low PIM Directional 6 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1061 PASTERNACK-PE2CP1061 Datasheet
479Kb / 5P
Low PIM Directional 10 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1064 PASTERNACK-PE2CP1064 Datasheet
481Kb / 5P
Low PIM Directional 10 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1065 PASTERNACK-PE2CP1065 Datasheet
479Kb / 5P
Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1068 PASTERNACK-PE2CP1068 Datasheet
481Kb / 5P
Low PIM Directional 15 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1070 PASTERNACK-PE2CP1070 Datasheet
480Kb / 5P
Low PIM Directional 20 dB 7/16 DIN Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1072 PASTERNACK-PE2CP1072 Datasheet
481Kb / 5P
Low PIM Directional 20 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1073 PASTERNACK-PE2CP1073 Datasheet
480Kb / 5P
Low PIM Directional 30 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1076 PASTERNACK-PE2CP1076 Datasheet
481Kb / 5P
Low PIM Directional 30 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com