Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10366 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C10366
Description  Martha Lens array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10366 Datasheet(HTML) 2 Page - Ledil, Inc.

  C10366 Datasheet HTML 1Page - Ledil, Inc. C10366 Datasheet HTML 2Page - Ledil, Inc. C10366 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
D
3
2
4
1
DESIGNED BY
DATE
29.05.2007
CHECKED BY
DATE
DRAWN BY
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Material: PMMA Clear
8.11.2013
8.11.2013
Ledil Oy
Salorankatu 10
FIN-24100 SALO
Finland
ah
hh
x
Rocket3 / Martha
24.
9 mm
3x120de
g
3 4 mm
3x120de
g
7. 5
2 m m
5 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com