Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10367 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10367
Description  Martha Lens array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10367 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10367 Datasheet HTML 1Page - Ledil, Inc. C10367 Datasheet HTML 2Page - Ledil, Inc. C10367 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT DATASHEET
Martha series
last update 4/9/2015
DETAILS
Product Number
C10367_PLATINUMROCKET-3-M
Family
Martha
Type
Lens array
Color
clear
Diameter
50 mm
Height
15,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Compliant
Yes
Date Updated
4/09/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XR-E
20 deg
Medium
-
-
-
Golden Dragon+
20 deg
Medium
-
-
-
January 31st 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10367

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10364 LEDIL-C10364 Datasheet
3Mb / 4P
~50째 wide beam
C10365 LEDIL-C10365 Datasheet
302Kb / 3P
Martha Lens array
C10366 LEDIL-C10366 Datasheet
158Kb / 3P
Martha Lens array
C10366 LEDIL-C10366 Datasheet
3Mb / 4P
~14째 smooth spot beam
C10366 LEDIL-C10366_18 Datasheet
3Mb / 4P
~14째 smooth spot beam
More results

Similar Description - C10367

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
C10365 LEDIL-C10365 Datasheet
302Kb / 3P
Martha Lens array
C10366 LEDIL-C10366 Datasheet
158Kb / 3P
Martha Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com