Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10908 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10908
Description  Strada Lens
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10908 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10908 Datasheet HTML 1Page - Ledil, Inc. C10908 Datasheet HTML 2Page - Ledil, Inc. C10908 Datasheet HTML 3Page - Ledil, Inc. C10908 Datasheet HTML 4Page - Ledil, Inc. C10908 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Strada series
last update 10/5/2017
DETAILS
Product Number
C10908_STRADA-B
Family
Strada
Type
Lens
Color
clear
Diameter
19,6 x 15,5 mm
Height
6,3 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
glue, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
10/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
106+54 deg
Streetligh...
93 %
0.720
-
January 31st 2018 2:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10908

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10900D HAMAMATSU-C10900D Datasheet
514Kb / 10P
Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
Flat panel sensor
logo
Cree, Inc
C10909 CREE-C10909 Datasheet
784Kb / 17P
Eva series
logo
Ledil, Inc.
C10909 LEDIL-C10909 Datasheet
880Kb / 17P
Eva Lens
More results

Similar Description - C10908

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com