Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10915 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10915
Description  Strada Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10915 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10915 Datasheet HTML 1Page - Ledil, Inc. C10915 Datasheet HTML 2Page - Ledil, Inc. C10915 Datasheet HTML 3Page - Ledil, Inc. C10915 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Strada series
last update 26/6/2013
DETAILS
Product Number
C10915_STRADA-C
Family
Strada
Type
Lens
Color
clear
Diameter
19,6 x 15,5 mm
Height
6,6 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw, glue
Status
production ready
ROHS Compliant
Yes
Date Updated
26/06/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
146 deg
Streetligh...
-
0.220
-
January 31st 2018 2:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10915

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10915 LEDIL-C10915 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways optimized for Golden Dragon
C10915 LEDIL-C10915_18 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways optimized for Golden Dragon
More results

Similar Description - C10915

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com