Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13499 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13499
Description  Strada Lens array
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13499 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13499 Datasheet HTML 1Page - Ledil, Inc. C13499 Datasheet HTML 2Page - Ledil, Inc. C13499 Datasheet HTML 3Page - Ledil, Inc. C13499 Datasheet HTML 4Page - Ledil, Inc. C13499 Datasheet HTML 5Page - Ledil, Inc. C13499 Datasheet HTML 6Page - Ledil, Inc. C13499 Datasheet HTML 7Page - Ledil, Inc. C13499 Datasheet HTML 8Page - Ledil, Inc. C13499 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
DETAILS
Product Number
C13499_STRADA-2X2-CY
Family
Strada
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
7,85 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
12/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
120+119 deg
Streetligh...
94 %
0.320
-
XM-L
126 deg
Streetligh...
94 %
0.320
-
XP-G
131 deg
Streetligh...
94 %
0.320
-
XT-E
136 deg
Streetligh...
94 %
0.300
-
XM-L2
121 deg
Streetligh...
94 %
0.300
-
XP-L
131 deg
Streetligh...
94 %
0.320
-
XP-L HI
127 deg
Streetligh...
94 %
0.330
-
XP-G2
129 deg
Streetligh...
94 %
0.340
-
XP-G3
131+132 deg
Streetligh...
94 %
0.330
-
XP-L2
127 deg
Streetligh...
94 %
0.300
-
MHB-A/B
sim: 117+116 Streetligh...
sim: 94 % sim: 0.320 -
XD16
132+130 deg
Streetligh...
94 %
0.360
-
XD16 2x2 cluster
125+124 deg
Streetligh...
94 %
0.340
-
H35C1 (LEMWA33)
126 deg
Streetligh...
94 %
0.340
-
LUXEON T
127 deg
Streetligh...
94 %
0.340
-
LUXEON Q
134 deg
Streetligh...
94 %
0.300
-
LUXEON MZ
123 deg
Streetligh...
94 %
0.350
-
LUXEON TX
123 deg
Streetligh...
94 %
0.330
-
LUXEON 5050
121 deg
Streetligh...
94 %
0.320
-
LUXEON V
125+123 deg
Streetligh...
94 %
0.310
-
NVSxx19B/NVSxx19C
sim: 122
Streetligh...
sim: 94 % sim: 0.391 -
NVSxE21A
125 deg
Streetligh...
94 %
0.390
-
NVSW3x9A
129+128 deg
Streetligh...
94 %
0.340
-
Oslon Square PC
122 deg
Streetligh...
94 %
0.330
-
Oslon Square Gen3
128+127 deg
Streetligh...
94 %
0.360
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13499

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13499 CREE-C13499 Datasheet
4Mb / 70P
Strada series
More results

Similar Description - C13499

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13299 LEDIL-C13299 Datasheet
6Mb / 114P
Strada Lens array
C13300 LEDIL-C13300 Datasheet
6Mb / 106P
Strada Lens array
C13604 LEDIL-C13604 Datasheet
5Mb / 80P
Strada Lens array
C12360 LEDIL-C12360 Datasheet
5Mb / 83P
Strada Lens array
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
Strada Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com