Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13858 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13858
Description  Strada Lens
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13858 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13858 Datasheet HTML 1Page - Ledil, Inc. C13858 Datasheet HTML 2Page - Ledil, Inc. C13858 Datasheet HTML 3Page - Ledil, Inc. C13858 Datasheet HTML 4Page - Ledil, Inc. C13858 Datasheet HTML 5Page - Ledil, Inc. C13858 Datasheet HTML 6Page - Ledil, Inc. C13858 Datasheet HTML 7Page - Ledil, Inc. C13858 Datasheet HTML 8Page - Ledil, Inc. C13858 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
DETAILS
Product Number
C13858_STRADA-2X2-XW
Family
Strada
Type
Lens
Color
clear
Diameter
50x50 mm
Height
7,1 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
glue, pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
12/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
QUICK FLUX XTP 2x4 xxx LS G5
Asymmetric degWide-Area... 94 %
0.830
-
XB-H
Asymmetric degWide-Area... 94 %
0.870
-
XP-E
Asymmetric degWide-Area... 94 %
1.110
-
XP-E2
Asymmetric degWide-Area... 94 %
1.120
-
XP-G
Asymmetric degWide-Area... 93 %
0.900
-
XT-E
Asymmetric degWide-Area... 93 %
0.850
-
XP-G3
Asymmetric degWide-Area... 94 %
0.790
-
H35C0 (LEMWA33)
sim: AsymmetricWide-Area... sim: 92 % sim: 0.800 -
LUXEON TX
Asymmetric degWide-Area... 94 %
1.000
-
LUXEON T
Asymmetric degWide-Area... 94 %
0.930
-
LUXEON MZ
Asymmetric degWide-Area... 94 %
0.740
-
LUXEON 5050
Asymmetric degWide-Area... 94 %
0.500
-
NVSxx19B/NVSxx19C
Asymmetric degWide-Area... 93 %
0.800
-
NVSxE21A
Asymmetric degWide-Area... 94 %
1.100
-
NVSW3x9A
Asymmetric degWide-Area... 94 %
0.720
-
Oslon Square PC
Asymmetric degWide-Area... 94 %
0.870
-
Oslon Square Gen3
sim: AsymmetricWide-Area... sim: 86 % sim: 0.850 -
Duris S8
sim: AsymmetricWide-Area... sim: 87 % sim: 0.520 -
OSCONIQ P 3737 (3W version)
sim: AsymmetricWide-Area... sim: 90 % sim: 0.660 -
PrevaLED Brick DC 2x8
sim: AsymmetricWide-Area... sim: 86 % sim: 0.850 -
OSCONIQ P 3737 (2W version)
sim: AsymmetricWide-Area... sim: 87 % sim: 0.810 -
Fortimo FastFlex LED board 2x8 DAX G4Asymmetric degWide-Area... 94 %
0.800
-
LH351B
Asymmetric degWide-Area... 94 %
0.830
-
Z5M1/Z5M2
Asymmetric degWide-Area... 94 %
1.000
-
Z8Y22P
Asymmetric degWide-Area... 94 %
0.760
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13858

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13858 CREE-C13858 Datasheet
2Mb / 49P
Strada series
More results

Similar Description - C13858

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com