Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD676 Datasheet(PDF) 13 Page - Analog Devices

Part # AD676
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD676 Datasheet HTML 9Page - Analog Devices AD676 Datasheet HTML 10Page - Analog Devices AD676 Datasheet HTML 11Page - Analog Devices AD676 Datasheet HTML 12Page - Analog Devices AD676 Datasheet HTML 13Page - Analog Devices AD676 Datasheet HTML 14Page - Analog Devices AD676 Datasheet HTML 15Page - Analog Devices AD676 Datasheet HTML 16Page - Analog Devices AD676 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AD676
REV. A
–12–
AD586 output, thereby optimizing the overall performance of
the AD676. It is recommended that a 10
µF to 47 µF high qual-
ity tantalum capacitor be tied between the VREF input of the
AD676 and ground to minimize the impedance on the
reference.
+15V
+5V
–15V
100µF
100µF
100µF
AD676
10µF
10µF
0.1µF
0.1µF
0.1µF
78L12
79L12
0.01µF
0.01µF
VREF
VDD
VCC
VEE
VIN
VO
NR
GND
10µF
0.1µF
1µF
AD587
10µF
15
17
18
12
16
4
2
6
8
VIN
VIN
10
Ω
10Ω
10
Ω
10Ω
Figure 7.
Using the AD676 with
±10 V input range (V
REF = 10 V) typi-
cally requires
±15 V supplies to drive op amps and the voltage
reference. If
±12 V is not available in the system, regulators
such as 78L12 and 79L12 can be used to provide power for the
AD676. This is also the recommended approach (for any input
range) when the ADC system is subjected to harsh environ-
ments such as where the power supplies are noisy and where
voltage spikes are present. Figure 7 shows an example of such a
system based upon the 10 V AD587 reference, which provides a
300
µV LSB. Circuitry for additional protection against power
supply disturbances has been shown. A 100
µF capacitor at each
regulator prevents very large voltage spikes from entering the
regulators. Any power line noise which the regulators cannot
eliminate will be further filtered by an RC filter (10
Ω/10 µF)
having a –3 dB point at 1.6 kHz. For best results the regulators
should be within a few centimeters of the AD676.
ANALOG INPUT
As previously discussed, the analog input voltage range for the
AD676 is
±V
REF. For purposes of ground drop and common
mode rejection, the VIN and VREF inputs each have their own
ground. VREF is referred to the local analog system ground
(AGND), and VIN is referred to the analog ground sense pin
(AGND SENSE) which allows a remote ground sense for the
input signal.
The AD676 analog inputs (VIN, VREF and AGND SENSE) ex-
hibit dynamic characteristics. When a conversion cycle begins,
each analog input is connected to an internal, discharged 50 pF
capacitor which then charges to the voltage present at the corre-
sponding pin. The capacitor is disconnected when SAMPLE is
taken LOW, and the stored charge is used in the subsequent
conversion. In order to limit the demands placed on the external
source by this high initial charging current, an internal buffer
amplifier is employed between the input and this capacitance for
a few hundred nanoseconds. During this time the input pin ex-
hibits typically 20 k
Ω input resistance, 10 pF input capacitance
and
±40 µA bias current. Next, the input is switched directly to
the now precharged capacitor and allowed to fully settle. During
this time the input sees only a 50 pF capacitor. Once the sample
is taken, the input is internally floated so that the external input
source sees a very high input resistance and a parasitic input ca-
pacitance of typically only 2 pF. As a result, the only dominant
input characteristic which must be considered is the high cur-
rent steps which occur when the internal buffers are switched in
and out.
In most cases, these characteristics require the use of an external
op amp to drive the input of the AD676. Care should he taken
with op amp selection; even with modest loading conditions,
most available op amps do not meet the low distortion require-
ments necessary to match the performance capabilities of the
AD676. Figure 8 represents a circuit, based upon the AD845,
recommended for low noise, low distortion ac applications.
For applications optimized more for low bias and low offset than
speed or bandwidth, the AD845 of Figure 8 may be replaced by
the OP27.
499
Ω
1k
Ω
+12V
–12V
AD845
0.1
µF
0.1
µF
AGND
AGND
SENSE
±5V
INPUT
1k
Ω
AD676
15
13
14
2
3
4
7
6
V
IN
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com