Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD677 Datasheet(PDF) 3 Page - Analog Devices

Part # AD677
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677 Datasheet(HTML) 3 Page - Analog Devices

  AD677 Datasheet HTML 1Page - Analog Devices AD677 Datasheet HTML 2Page - Analog Devices AD677 Datasheet HTML 3Page - Analog Devices AD677 Datasheet HTML 4Page - Analog Devices AD677 Datasheet HTML 5Page - Analog Devices AD677 Datasheet HTML 6Page - Analog Devices AD677 Datasheet HTML 7Page - Analog Devices AD677 Datasheet HTML 8Page - Analog Devices AD677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD677–SPECIFICATIONS
AC SPECIFICATIONS
AD677J/A
AD677K/B
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Total Harmonic Distortion (THD)
2
@ 83 kSPS, TMIN to TMAX
–97
–92
–99
–95
dB
@ 100 kSPS, +25
°C
–97
–92
–99
–95
dB
@ 100 kSPS, TMIN to TMAX
–93
–95
dB
Signal-to-Noise and Distortion Ratio (S/(N+D))
2, 3
@ 83 kSPS, TMIN to TMAX
89
91
90
92
dB
@ 100 kSPS, +25
°C89
91
90
92
dB
@ 100 kSPS, TMIN to TMAX
89
90
dB
Peak Spurious or Peak Harmonic Component
–101
–101
dB
Intermodulation Distortion (IMD)
4
2nd Order Products
–102
–102
dB
3rd Order Products
–98
–98
dB
Full Power Bandwidth
1
1
MHz
Noise
160
160
µV rms
DIGITAL SPECIFICATIONS
Parameter
Test Conditions
Min
Typ
Max
Units
LOGIC INPUTS
VIH
High Level Input Voltage
2.0
VDD + 0.3
V
VIL
Low Level Input Voltage
–0.3
0.8
V
IIH
High Level Input Current
VIH = VDD
–10
+10
µA
IIL
Low Level Input Current
VIL = 0 V
–10
+10
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
High Level Output Voltage
IOH = 0.1 mA
VDD – 1 V
V
IOH = 0.5 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 1.6 mA
0.4
V
NOTES
1V
REF = 10.0 V, Conversion Rate = 100 kSPS, f lN = 1.0 kHz, VIN = –0.05 dB, Bandwidth = 50 kHz unless otherwise indicated. All measurements referred to a 0 dB
(20 V p-p) input signal. Values are post-calibration.
2For other input amplitudes, refer to Figure 12.
3For dynamic performance with different reference values see Figure 11.
4fa = 1008 Hz, fb = 1055 Hz. See Definition of Specifications section and Figure 16.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
1
(for all grades TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com