Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7712 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7712
Description  Signal Conditioning ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7712 Datasheet HTML 17Page - Analog Devices AD7712 Datasheet HTML 18Page - Analog Devices AD7712 Datasheet HTML 19Page - Analog Devices AD7712 Datasheet HTML 20Page - Analog Devices AD7712 Datasheet HTML 21Page - Analog Devices AD7712 Datasheet HTML 22Page - Analog Devices AD7712 Datasheet HTML 23Page - Analog Devices AD7712 Datasheet HTML 24Page - Analog Devices AD7712 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
REV. F
–20–
AD7712
DIGITAL INTERFACE
The AD7712’s serial communications port provides a flexible
arrangement to allow easy interfacing to industry-standard
microprocessors, microcontrollers, and digital signal processors.
A serial read to the AD7712 can access data from the output
register, the control register, or the calibration registers. A serial
write to the AD7712 can write data to the control register or the
calibration registers.
Two different modes of operation are available, optimized for
different types of interfaces where the AD7712 can act either as
master in the system (it provides the serial clock) or as slave (an
external serial clock can be provided to the AD7712). These
two modes, labeled self-clocking mode and external clocking
mode, are discussed in detail in the following sections.
Self-Clocking Mode
The AD7712 is configured for its self-clocking mode by tying
the MODE pin high. In this mode, the AD7712 provides the
serial clock signal used for the transfer of data to and from the
AD7712. This self-clocking mode can be used with processors
that allow an external device to clock their serial port, including
most digital signal processors and microcontrollers such as the
68HC11 and 68HC05. It also allows easy interfacing to serial
parallel conversion circuits in systems with parallel data com-
munication, allowing interfacing to 74XX299 universal shift
registers without any additional decoding. In the case of shift
registers, the serial clock line should have a pull-down resistor
instead of the pull-up resistor shown in Figures 11 and 12.
Read Operation
Data can be read from the output register, the control register, or
the calibration registers. A0 determines whether the data read
accesses data from the control register or from the output/calibra-
tion registers. This A0 signal must remain valid for the duration
of the serial read operation. With A0 high, data is accessed from
either the output register or from the calibration registers. With
A0 low, data is accessed from the control register.
The function of the
DRDY line is dependent on only the output
update rate of the device and the reading of the output data
register.
DRDY goes low when a new data-word is available in
the output data register. It is reset high when the last bit of data
(either 16th bit or 24th bit) is read from the output register. If
data is not read from the output register, the
DRDY line will
remain low. The output register will continue to be updated at
the output update rate, but
DRDY will not indicate this. A read
from the device in this circumstance will access the most recent
word in the output register. If a new data-word becomes avail-
able to the output register while data is being read from the
output register,
DRDY will not indicate this and the new data-
word will be lost to the user.
DRDY is not affected by reading
from the control register or the calibration registers.
Data can be accessed from the output data register only when
DRDY is low. If RFS goes low with DRDY high, no data trans-
fer will take place.
DRDY does not have any effect on reading
data from the control register or from the calibration registers.
Figure 11 shows a timing diagram for reading from the AD7712
in the self-clocking mode. This read operation shows a read
from the AD7712’s output data register. A read from the con-
trol register or calibration registers is similar, but, in these cases,
the
DRDY line is not related to the read function. Depending
on the output update rate, it can go low at any stage in the
control/calibration register read cycle without affecting the read
and its status should be ignored. A read operation from either
the control or calibration registers must always read 24 bits of
data from the respective register.
Figure 11 shows a read operation from the AD7712. For the
timing diagram shown, it is assumed that there is a pull-up
resistor on the SCLK output. With
DRDY low, the RFS input
is brought low.
RFS going low enables the serial clock of the
AD7712 and also places the MSB of the word on the serial data
line. All subsequent data bits are clocked out on a high to low
transition of the serial clock and are valid prior to the following
rising edge of this clock. The final active falling edge of SCLK
clocks out the LSB, and this LSB is valid prior to the final active
rising edge of SCLK. Coincident with the next falling edge of
SCLK,
DRDY is reset high. DRDY going high turns off the
SCLK and the SDATA outputs, which means that the data
hold time for the LSB is slightly shorter than for all other bits.
SDATA (O)
SCLK (O)
THREE-STATE
RFS (I)
A0 (I)
DRDY (O)
MSB
LSB
t2
t3
t4
t5
t6
t7
t8
t9
t10
Figure 11. Self-Clocking Mode, Output Data Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com