Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7715 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7715 Datasheet HTML 12Page - Analog Devices AD7715 Datasheet HTML 13Page - Analog Devices AD7715 Datasheet HTML 14Page - Analog Devices AD7715 Datasheet HTML 15Page - Analog Devices AD7715 Datasheet HTML 16Page - Analog Devices AD7715 Datasheet HTML 17Page - Analog Devices AD7715 Datasheet HTML 18Page - Analog Devices AD7715 Datasheet HTML 19Page - Analog Devices AD7715 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Data Sheet
AD7715
Rev. E | Page 15 of 40
Table 13.
MD1
MD0
Operating Mode
0
0
Normal mode. This operating mode is the default mode of operation of the device whereby the device is performing normal
conversions. The AD7705 is placed in this mode after power-on or reset.
0
1
Self-calibration. This is a one step calibration sequence and when complete the part returns to normal mode with MD1 and
MD0 returning to 0, 0. The DRDY output or DRDYbit goes high when calibration is initiated and returns low when this self-
calibration is complete and a new valid word is available in the data register. The zero-scale calibration is performed at the
selected gain on internally shorted (zeroed) inputs and the full-scale calibration is performed at the selected gain on an
internally generated VREF/selected gain.
1
0
Zero-scale system calibration. Zero-scale system calibration is performed at the selected gain on the input voltage provided
at the analog input during this calibration sequence. This input voltage should remain stable for the duration of the
calibration. The DRDY output or DRDY bit goes high when calibration is initiated and returns low when this zero-scale
calibration is complete and a new valid word is available in the data register. At the end of the calibration, the part returns to
normal mode with MD1 and MD0 returning to 0, 0.
1
1
Full-scale system calibration. Full-scale system calibration is performed at the selected gain on the input voltage provided at
the analog input during this calibration sequence. This input voltage should remain stable for the duration of the
calibration. The DRDY output or DRDY bit goes high when calibration is initiated and returns low when this full-scale
calibration is complete and a new valid word is available in the data register. At the end of the calibration, the part returns to
normal mode with MD1 and MD0 returning to 0, 0.
Table 14. Output Update Rates
CLK1
FS1
FS0
Output Update Rate
−3 dB Filter Cutoff
0
0
0
20 Hz
5.24 Hz
0
0
1
25 Hz
6.55 Hz
0
1
0
100 Hz
26.2 Hz
0
1
1
200 Hz
52.4 Hz
1
0
0
50 Hz
13.1 Hz
1
0
1
60 Hz
15.7 Hz (default status)
1
1
0
250 Hz
65.5 Hz
1
1
1
500 Hz
131 Hz
1
Assumes correct clock frequency at MCLK IN pin.
TEST REGISTER (RS1, RS0 = 1, 0)
The part contains a test register, which is used in testing the
device. The user is advised not to change the status of any of the
bits in this register from the default (power-on or reset) status
of all 0s as the part will be placed in one of its test modes and
will not operate correctly. If the part enters one of its test modes,
exercising RESET will exit the part from the mode. An alterna-
tive scheme for getting the part out of one of its test modes, is to
reset the interface by writing 32 successive 1s to the part and
then load all 0s to the test register.
DATA REGISTER (RS1, RS0 = 1, 1)
The data register on the part is a read-only 16-bit register
that contains the most up-to-date conversion result from the
AD7715. If the communications register data sets up the part
for a write operation to this register, a write operation must
actually take place to return the part to where it is expecting
a write operation to the communications register (the default
state of the interface). However, the 16 bits of data written to
the part will be ignored by the AD7715.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com