Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7721 Datasheet HTML 6Page - Analog Devices AD7721 Datasheet HTML 7Page - Analog Devices AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices AD7721 Datasheet HTML 10Page - Analog Devices AD7721 Datasheet HTML 11Page - Analog Devices AD7721 Datasheet HTML 12Page - Analog Devices AD7721 Datasheet HTML 13Page - Analog Devices AD7721 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD7721
REV. A
–9–
Input Circuits
The purpose of antialiasing filters is to attenuate out of band
signals that would otherwise be mixed down into the signal
band. With traditional ADCs, high order filters using expensive
high tolerance passive components are often required to per-
form this function. Using oversampling, as employed on the
AD7721, this problem is considerably alleviated. Figure 4a
shows the digital filter frequency response. Due to the sampling
nature of the digital filter, the passband is repeated about the
operating clock frequency and at multiples of the clock fre-
quency. Out of band signals coincident with any of the filter
images are mixed down into the passband. Figure 4b shows the
frequency response of the antialias filter required to provide a
particular level of attenuation at the first image frequency. Fig-
ure 4c shows the frequency response of the antialias filter re-
quired to achieve the same level of attenuation with a traditional
ADC. The much smaller transition band can only be achieved
with a very high order filter.
fCLK
2
fCLK
3
fCLK
0dB
a. Digital Filter Frequency Response
REQUIRED
ATTENUATION
0dB
OUTPUT DATA RATE
ANTIALIAS FILTER
RESPONSE
fCLK
b. Frequency Response of Antialias Filter (AD7721)
REQUIRED
ATTENUATION
ANTIALIAS FILTER
RESPONSE
OUTPUT DATA RATE
0dB
c. Frequency Response of Antialias Filter (Traditional ADC)
Figure 4. Frequency Response of Antialiasing Filters
Figure 5 shows a simple antialiasing filter which can be used
with the AD7721. The –3 dB corner frequency (f3dB) of the
antialias filter is given by Equation 1, and the attenuation of the
filter is given by Equation 2. Attenuation at the first image
frequency is given by Equation 3.
f3 dB = 1/(2 π REXT CEXT)
Equation 1
Attenuation = 20 log 1/ 1 + f / f 3 dB
()2


Equation 2
Attenuation (First Image)
=
20log 1/ 1
+ 0.986 f
CLK / f 3 dB
()2


Equation 3
The choice of the filter corner frequency will depend on the
amount of rolloff which is acceptable in-band and the attenua-
tion which is required at the first image frequency. For example,
when fCLK = 15 MHz, REXT = 50 Ω, CEXT = 7.84 nF, the in-
band rolloff is 1 dB and the attenuation at the first image fre-
quency is 31.1 dB. Increasing the size of the external resistor
above 50
Ω can cause increased distortion due to nonlinear
charging currents.
REXT
CEXT
ANALOG
INPUT
REXT
CEXT
AD7721
VIN1
VIN2
Figure 5. Simple RC Antialiasing Filter
Figure 6 shows a simple circuit that can be used to drive the
AD7721 in unipolar mode. The input of the AD7721 is sampled
by a 1.6 pF input capacitor. This creates glitches on the input
of the modulator. By placing the RC filter directly before the
AD7721, rather than before the operational amplifier, these
glitches are prevented from being fed back into the operational
amplifier and creating distortion. The resistor in this diagram,
as well as creating a pole for the antialias filter, also isolates the
storage capacitor from the operational amplifier which may
otherwise be unstable.
COMMON
MODE
VOLTAGE
ANALOG
INPUT
REXT
CEXT
AD7721
VIN1
VIN2
Figure 6. Antialiasing Circuits
A suitable operational amplifier is the AD847 if a
±15 V power
supply is available. If only a +5 V power supply is available, the
AD820 can be used. This operational amplifier can be used with
input bandwidths up to 80 kHz. However, the slew rate of this
operational amplifier limits its performance to 80 kHz. Above
this frequency, the performance of the AD820 degrades.
For both filters, the capacitor CEXT should have a low tempera-
ture coefficient and should be linear to avoid distortion.
Polypropylene or polystyrene capacitors are suitable.
Offset and Gain Calibration
A calibration of offset and gain errors can be performed in both
serial and parallel modes by initiating a calibration cycle. During
this cycle, offset and gain registers in the filter are loaded with
values representing the dc offset of the analog modulator and a
modulator gain correction factor. In normal operation, the offset
register is subtracted from the digital filter output and this result
is then multiplied by the gain correction factor to obtain an
offset and gain corrected final result.
During the calibration cycle, in which the offset of the analog
modulator is evaluated, the inputs to the modulator are shorted
together internally. When the modulator and digital filter settle,
the average of 8 output results is calculated and stored in the
offset register. The gain of the modulator is determined by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com