Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9243AS Datasheet(PDF) 7 Page - Analog Devices

Part # AD9243AS
Description  Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243AS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9243AS Datasheet HTML 3Page - Analog Devices AD9243AS Datasheet HTML 4Page - Analog Devices AD9243AS Datasheet HTML 5Page - Analog Devices AD9243AS Datasheet HTML 6Page - Analog Devices AD9243AS Datasheet HTML 7Page - Analog Devices AD9243AS Datasheet HTML 8Page - Analog Devices AD9243AS Datasheet HTML 9Page - Analog Devices AD9243AS Datasheet HTML 10Page - Analog Devices AD9243AS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD9243
REV. A
–6–
Typical Differential AC Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE
= 3.00 MSPS, TA = +25 C, Differential Input)
INPUT FREQUENCY – Hz
90
85
50
100k
1M
20M
10M
80
75
55
70
65
60
–0.5dBFS
–6.0dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
Figure 2. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – Hz
100k
1M
20M
10M
–0.5dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
90
85
80
75
70
65
60
55
50
–6.0dBFS
Figure 5. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
0.1
1
5
5V SPAN
2V SPAN
–70
–75
–95
–80
–85
–90
Figure 8. THD vs. Sample Rate
(fIN = 1.5 MHz, AIN = –0.5 dBFS,
VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 3. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 6. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
AIN – dBFS
110
40
–60
–50
0
–40
–30
–20
–10
100
90
80
60
50
70
dBc – 5V
dBc – 2V
dBFS – 5V
dBFS – 2V
Figure 9. Single Tone SFDR
(fIN = 1.5 MHz, VCM = 2.5 V)
93
4
2
8
5
7
6
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
1
Figure 4. Typical FFT, fIN = 500 kHz
(Input Span = 5 V, VCM = 2.5 V)
9
3
4
2
8
5
7
6
1
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
Figure 7. Typical FFT, fIN = 1.50 MHz
(Input Span = 2 V, VCM = 2.5 V)
INPUT POWER LEVEL (F1 = F2) – dBFS
110
60
–40 –35
0
–30 –25 –20 –15 –10
–5
105
90
85
75
65
100
95
80
70
5V SPAN - dBFS
5V SPAN - dBc
2V SPAN - dBFS
2V SPAN - dBc
Figure 10. Dual Tone SFDR
(f1 = 0.95 MHz, f2 = 1.04 MHz,
VCM = 2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com