Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3030 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF3030
Description  Extra-Small, High-Performance, High-Frequency, DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3030 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF3030 Datasheet HTML 1Page - ON Semiconductor FDMF3030 Datasheet HTML 2Page - ON Semiconductor FDMF3030 Datasheet HTML 3Page - ON Semiconductor FDMF3030 Datasheet HTML 4Page - ON Semiconductor FDMF3030 Datasheet HTML 5Page - ON Semiconductor FDMF3030 Datasheet HTML 6Page - ON Semiconductor FDMF3030 Datasheet HTML 7Page - ON Semiconductor FDMF3030 Datasheet HTML 8Page - ON Semiconductor FDMF3030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
September 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF3030 • Rev. 1.0.0
FDMF3030 — Extra-Small, High-Performance,
High-Frequency, DrMOS Module
Benefits
Ultra-Compact 6x6mm PQFN, 72% Space-Saving
Compared to Conventional Discrete Solutions
Fully Optimized for System Efficiency
Clean-Switching Waveforms with Minimal Ringing
High-Current Handling
Features
Over 93% Peak-Efficiency
High-Current Handling: 50A
High-Performance PQFN Copper-Clip Package
3-State 5V PWM Input Driver
Automatic Diode Emulation (Skip Mode) Enabled
through ZCD_EN# Input
Thermal Warning Flag for Over-Temperature
Condition
Driver Output Disable Function (DISB# Pin)
Internal Pull-Up and Pull-Down for ZCD_EN# and
DISB# Inputs, Respectively
Fairchild PowerTrench® Technology MOSFETs for
Clean Voltage Waveforms and Reduced Ringing
Fairchild SyncFET™ Technology (Integrated
Schottky Diode) in Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Adaptive Gate-Drive Timing for Shoot-Through
Protection
Under-Voltage Lockout (UVLO)
Optimized for Switching Frequencies up to 1MHz
Low-Profile SMD Package
Fairchild Green Packaging and RoHS Compliance
Based on the Intel® 4.0 DrMOS Standard
Description
The DrMOS family is Fairchild’s next-generation, fully
optimized, ultra-compact, integrated MOSFET-plus-
driver, power-stage solution for high-current, high-
frequency, synchronous buck, DC-DC applications. The
FDMF3030 integrates a driver IC, two power MOSFETs,
and a bootstrap Schottky diode into a thermally
enhanced, ultra-compact, 6x6mm package.
With an integrated approach, the complete switching
power stage is optimized with regard to driver and
MOSFET dynamic performance, system inductance,
and power MOSFET RDS(ON). The FDMF3030 uses
Fairchild's high-performance PowerTrench
® MOSFET
technology, which dramatically reduces switch ringing,
eliminating the need for a snubber circuit in most buck
converter applications.
A driver IC with reduced dead times and propagation
delays further enhances performance. A thermal
warning function indicates a potential over-temperature
situation. The FDMF3030 also incorporates a Zero-
Cross Detect (ZCD_EN# pin) for improved light-load
efficiency and provides a 3-state 5V PWM input for
compatibility with a wide range of PWM controllers.
Applications
Notebook Computers
High-Performance Gaming Motherboards
Compact Blade Servers & Workstations,
V-Core and Non-V-Core DC-DC Converters
Desktop Computers, V-Core and Non-V-Core
DC-DC Converters
High-Current DC-DC Point-of-Load Converters
Networking and Telecom Microprocessor Voltage
Regulators
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part Number
Current Rating
Package
Top Mark
FDMF3030
50A
40-Lead, Clipbond PQFN DrMOS, 6.0mm x 6.0mm Package
FDMF3030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com