Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED34H Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # LED34H
Description  Mid-IR LED Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34H Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  LED34H Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED34H Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED34H Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED34H Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED34H Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED34H Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.roithner-laser.com
6
Precautions
Cautions:
 Check your connection circuits before turning on the LED.
 Mind the LED polarity: LED anode is marked with a RED dot.
Reverse voltage applying is FORBIDDEN!
 DO NOT connect the LED to the multimeter.
 Control the current applied to the LED in order not to exceed the maximum allowable values.
Soldering:
 Do avoid overheating of the LED
 Do avoid electrostatic discharge (ESD)
 Do avoid mechanical stress, shock, and vibration
 Do only use non-corrosive flux
 Do not apply current to the LED until it has cooled down to room temperature after soldering
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken when handling
or operating these LEDs. Surge voltage or electrostatic discharge can result in complete failure of the device.
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive circuits is
mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com