Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL29S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTL29S
Description  LCD Backlighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTL29S Datasheet(HTML) 1 Page - OSRAM GmbH

  LTL29S_12 Datasheet HTML 1Page - OSRAM GmbH LTL29S_12 Datasheet HTML 2Page - OSRAM GmbH LTL29S_12 Datasheet HTML 3Page - OSRAM GmbH LTL29S_12 Datasheet HTML 4Page - OSRAM GmbH LTL29S_12 Datasheet HTML 5Page - OSRAM GmbH LTL29S_12 Datasheet HTML 6Page - OSRAM GmbH LTL29S_12 Datasheet HTML 7Page - OSRAM GmbH LTL29S_12 Datasheet HTML 8Page - OSRAM GmbH LTL29S_12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-10-01
1
2012-10-01
SMARTLED
Datasheet
Version 1.0 (Replacement in due course)
LT L29S
Features:
Besondere Merkmale:
• Package: SMT package 0603, colorless diffused
resin
• Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 155° (horizontal); 135°
(vertical)
• Abstrahlwinkel bei 50 % IV: 155° (horizontal);
135° (vertical)
• Color: true green (528 nm)
• Farbe: true green (528 nm)
• Optical efficiency (typ.): 7 lm/W (true green)
• Optischer Wirkungsgrad (typ.): 7 lm/W (true
green)
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
•Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Outdoor displays
• Informationsanzeigen im Außenbereich


Similar Part No. - LTL29S_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTL29S-N1R2-25 OSRAM-LTL29S-N1R2-25 Datasheet
392Kb / 20P
SMARTLED
LTL29S-N2Q1-25 OSRAM-LTL29S-N2Q1-25 Datasheet
392Kb / 20P
SMARTLED
LTL29S-P2R1-25 OSRAM-LTL29S-P2R1-25 Datasheet
392Kb / 20P
SMARTLED
More results

Similar Description - LTL29S_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
LCD Backlighting
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com