Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54544AL Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54544AL
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54544AL Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54544AL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54544AL
MITSUBISHI <CONTROL / DRIVER IC>
VI1=2V, VI2=0V
VI1=0V, VI2=2V
Supply voltage(1)
V
mA
V
V
˚C
VCC(1)
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C, unless otherwise noted)
Symbol
Ratings
Unit
Parameter
Conditions
-0.5
– +16
-0.5
– +20
-0.5
– +16
-0.5
– VCC’+2.5
±330
W
mA
mA
V
RECOMMENDED OPERATING CONDITION (Ta=25
°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Conditions
Unit
Parameter
VCC
Supply voltage
4
Output current
±300
2
0.4
IO
VIH
VIL
“H” input voltage
“L” input voltage
±600
1.15
°C
°C
tB
Motor braking interval
t j (shut)
VCC
≥ 7V
Thermal shutdown temperature
0
10
12
100
150
15
VCC
ms
VCC(2)
VCC’
VI
VO
IO(max)
IO(1)
IO(2)
Pd
Topr
Tstg
Supply voltage(2)
Output supply voltage
Input voltage
Output voltage
Allowable motor rush current
Continuous output current(1)
Continuous output current(2)
Power dissipation
Operating temperature
Storage temperature
With an external heat sink (3000mm2 x 1.5mm)
top=10ms : cycle time 0.2Hz or less
With an external heat sink (3000mm2 x 1.5mm)
Ta=75˚C
0
– VCC
±1.5
-10
– 75
-55
– 125
V
V
V
V
A
µA
V
ELECTRICAL CHARACTERISTICS (Ta=25
°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
IO(leak)
Output leak current
-100
10.8
100
VOH(1)
“H” output saturation
voltage(1)
VOH(2)
“H” output saturation
voltage(2)
VOL(1)
“L” output saturation
voltage(1)
VOL(2)
“L” output saturation
voltage(2)
IIH(1)
“H” input current(1)
IIH(2)
“H” input current(2)
ICC
Supply current
VCC=VCC’=20V
VI1=VI2=0V
VO=20V
VO=0V
VCC=VCC’=12V
VI1=2V
VI2=0V
IOH(1)=-200mA
IOH(1)=-500mA
VCC=VCC’=12V
VI1=0V
VI2=2V
IOH(2)=-200mA
IOH(2)=-500mA
IOL(1)=200mA
IOL(1)=500mA
VI1=0V
VI2=2V
VI1=VI2=2V
VCC=VCC’=12V
IOL(2)=200mA
IOL(2)=500mA
VI1=2V
VI2=0V
VI1=VI2=2V
VCC=VCC’=12V
VCC=VCC’=12V, VI1=2V, VI2=0V
VCC=VCC’=12V, VI1=0V, VI2=2V
VCC=VCC’=16V
Output open
VI1=VI2=2V
VI1=VI2=0V
10.7
10.8
10.7
50
50
11.2
11.1
11.2
11.1
0.2
0.95
0.95
0.2
0.95
0.95
0.5
1.35
1.35
0.5
1.35
1.35
120
120
15
20
4
V
V
V
µA
µA
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com