Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT6SC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWT6SC
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT6SC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWT6SC Datasheet HTML 6Page - OSRAM GmbH LWT6SC Datasheet HTML 7Page - OSRAM GmbH LWT6SC Datasheet HTML 8Page - OSRAM GmbH LWT6SC Datasheet HTML 9Page - OSRAM GmbH LWT6SC Datasheet HTML 10Page - OSRAM GmbH LWT6SC Datasheet HTML 11Page - OSRAM GmbH LWT6SC Datasheet HTML 12Page - OSRAM GmbH LWT6SC Datasheet HTML 13Page - OSRAM GmbH LWT6SC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2013-12-05
10
Version 3.0 (not for new design)
LW T6SC
Forward Current 7) page 22
Durchlassstrom 7) Seite22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 22 , 8) page 22
Relative Lichtstärke 7) Seite 22 , 8) Seite 22
IV/IV(20 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 7) page 22
Farbortverschiebung 7) Seite 22
ΔCx, ΔCy = f(IF); TS = 25 °C
2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
1
5
10
50
ΙF [mA]
510
50 100
ΙF [mA]
0,1
0,5
1
ΙV
ΙV (20mA)
0
1020304050
ΙF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx, ΔCy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com