Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH300 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH300
Description  Photointerrupters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH300 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH300 Datasheet HTML 1Page - OSRAM GmbH SFH300 Datasheet HTML 2Page - OSRAM GmbH SFH300 Datasheet HTML 3Page - OSRAM GmbH SFH300 Datasheet HTML 4Page - OSRAM GmbH SFH300 Datasheet HTML 5Page - OSRAM GmbH SFH300 Datasheet HTML 6Page - OSRAM GmbH SFH300 Datasheet HTML 7Page - OSRAM GmbH SFH300 Datasheet HTML 8Page - OSRAM GmbH SFH300 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Version 1.3
SFH 300
2016-01-04
7
TTW Soldering
IEC-61760-1 TTW
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language wordings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com