Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH309 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH309
Description  Silicon NPN Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH309 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH309 Datasheet HTML 1Page - OSRAM GmbH SFH309 Datasheet HTML 2Page - OSRAM GmbH SFH309 Datasheet HTML 3Page - OSRAM GmbH SFH309 Datasheet HTML 4Page - OSRAM GmbH SFH309 Datasheet HTML 5Page - OSRAM GmbH SFH309 Datasheet HTML 6Page - OSRAM GmbH SFH309 Datasheet HTML 7Page - OSRAM GmbH SFH309 Datasheet HTML 8Page - OSRAM GmbH SFH309 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2016-01-04
2
Version 1.3
SFH 309
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Collector-emitter voltage
V
CE
35
V
Collector current
I
C
15
mA
Collector surge current
(τ < 10 µs)
I
CS
75
mA
Total Power dissipation
Ptot
165
mW
Thermal resistance
RthJA
450
K / W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
860
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 380
... 1150
nm
Radiant sensitive area
(∅ 220 μm)
(typ)
A
0.038
mm2
Dimensions of chip area
(typ)
L x W
(typ) 0.45 x
0.45
mm x
mm
Distance chip front to case surface
(min ...
max)
H
(min ... max)
2.4 ... 2.8
mm
Half angle
(typ)
ϕ
± 12
°
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
C
CE
5
pF
Dark current
(VCE = 20 V, E = 0)
(typ (max)) ICE0
1 (≤ 50)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com