Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQL100A Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SQL100A
Description  50-100A GPP Three Phase Bridge Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SQL100A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SQL100A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!"
# $
%
&
'
&
!
&
(
&
&
!
"
#$%
A&
'
(% )
!*+ &
+
,((
k
(%
#%%
- "" ' - . ' & ' +" /
0
"-,#%1&
0
,
0
2#%%
#%%
#3%%
!
"
4%
$3%
*+ . / ' +" /
#%%
#3%%
! /
5&" "
!
"
&
'
6%%
' +" /
,#47(
#7#
,8(k
#%
!
' & + . /
!
"
,#%%k
8%%
!
"9 :5
9 1 + 1-
" "9 &9 ++
#$%
A&
' ; & /+ 9 " & .
(7%
k<=
"9 5
9 1 + 1-
&9 ++ " -
#$%
A&
' ; & /+ 9 " & .
$
k<=
&
&!+ "
' +" /
8(%%
>
"
" 1-
"!
56%
#8(
k
&"?
"
" 1-
"!
56%
#(%
k
="
= /9"
@#(
/
!"+
y
y
(%5#%%
#%%5#3%%
#7#
6%%
SQL50A thru SQL100A
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/1
Rev.08C
Current: 50-100A,Voltage: 100-1600V
Pb Free Plating Product
SQL50A thru SQL100A
Pb
50-100A GPP Three Phase Bridge Rectifiers


Similar Part No. - SQL100A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SQL360 VCC-SQL360 Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTP VCC-SQL360RTP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTPATP VCC-SQL360RTPATP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTPBTP VCC-SQL360RTPBTP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
SQL360RTPCTP VCC-SQL360RTPCTP Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
More results

Similar Description - SQL100A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP100A NELLSEMI-MTP100A Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTP100D NELLSEMI-MTP100D Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTP100S NELLSEMI-MTP100S Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTPT100 NELLSEMI-MTPT100 Datasheet
430Kb / 5P
Three-Phase Bridge Thyristor, 100A
logo
Shenzhen Luguang Electr...
SKBPC3504 LUGUANG-SKBPC3504_V01 Datasheet
892Kb / 3P
Three Phase Bridge Rectifiers
logo
MacMic
MMD100E160X MACMIC-MMD100E160X Datasheet
178Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E180X MACMIC-MMD100E180X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E200X MACMIC-MMD100E200X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100EB160X MACMIC-MMD100EB160X Datasheet
198Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100F200X MACMIC-MMD100F200X Datasheet
348Kb / 3P
100A Three-Phase Rectifier Bridge Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com