Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B16 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B16
Description  Narrow Bandwidth Strain Gage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B16 Datasheet(HTML) 2 Page - Analog Devices

  3B16 Datasheet HTML 1Page - Analog Devices 3B16 Datasheet HTML 2Page - Analog Devices 3B16 Datasheet HTML 3Page - Analog Devices 3B16 Datasheet HTML 4Page - Analog Devices 3B16 Datasheet HTML 5Page - Analog Devices 3B16 Datasheet HTML 6Page - Analog Devices 3B16 Datasheet HTML 7Page - Analog Devices 3B16 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B16
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B16 is a single-channel signal conditioning module which
interfaces, amplifies, and filters signals from 4-arm full-bridge
strain-gage bridges with a resistance from 300W to 1kW. The
module provides a constant +10V bridge excitation voltage and
provides simultaneous precision voltage and current outputs.
The user-configurable Model 3B16-00 can be applied in
applications involving large tare weights which must be
compensated with zero suppression. The 3B16 protects the
computer side from damage due to field-side over-voltage faults
up to 130V rms. In addition, the current output withstands
130V rms without damage and interfaces user equipment
through screw terminals located on the 3B Series backplane.
The 3B16 is a plug-in, mix-and-match, hot-swappable module
which is easily field calibrated via front-panel zero and span
adjustments for both voltage and current outputs.
3B Series Custom-Ranging Program – Externally-
programmable Model 3B16-00, enables the user to configure a
special input range, including tare weight suppression, by using
the optional plug-on AC1310 ranging card, which houses user-
supplied resistors to determine zero and span. To facilitate
selecting resistors, a Windows program, 3B-CUSTOM,
calculates resistor values based on the user-desired input/output
ranges.
A chopper-stabilized low-drift (+1uV/oC) input amplifier
assures long-term stability. At the amplifier input, a stable, zero-
scale input voltage is subtracted from the input signal to set the
zero-scale value. Zero suppression can exceed 100% of the input
range. This is ideal for expanded-scale applications requiring
high-resolution measurement of a selected portion of an input
signal. For user convenience, the zero and span can be factory
configured to meet custom range needs (Model 3B16-
CUSTOM) or can be externally programmed (Model 3B16-00)
via user supplied resistors inserted in the optional AC1310 plug-
on ranging card. Internal low-pass filtering with a 3 Hz cutoff
(-3dB) two-pole Butterworth filter enhances a 60 dB normal-
mode rejection at 50/60 Hz, enabling accurate measurement of
small signals in high electrical noise.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com