Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS12STRR Datasheet(PDF) 2 Page - International Rectifier

Part # 16TTS12STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS12STRR Datasheet(HTML) 2 Page - International Rectifier

  16TTS12STRR Datasheet HTML 1Page - International Rectifier 16TTS12STRR Datasheet HTML 2Page - International Rectifier 16TTS12STRR Datasheet HTML 3Page - International Rectifier 16TTS12STRR Datasheet HTML 4Page - International Rectifier 16TTS12STRR Datasheet HTML 5Page - International Rectifier 16TTS12STRR Datasheet HTML 6Page - International Rectifier 16TTS12STRR Datasheet HTML 7Page - International Rectifier 16TTS12STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
16TTS.. S
SAFEIR Series
Bulletin I2105 rev. D 12/98
www.irf.com
Part Number
V
RRM
, maximum
V
DRM
, maximum
I
RRM/
I
DRM
peak reverse voltage
peak direct voltage
125°C
VV
mA
16TTS08S
800
800
10
16TTS12S
1200
1200
16TTS16S
1600
1600
Voltage Ratings
I
T(AV)
Max. Average On-state Current
10
A
@ T
C
= 98° C, 180° conduction half sine wave
I
RMS
Max. RMS On-state Current
16
I
TSM
Max.Peak One Cycle Non-Repetitive
170
10ms Sine pulse, rated VRRMapplied
Surge Current
200
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2tforfusing
144
A
2s
10ms Sine pulse, rated V
RRM
applied
200
10ms Sine pulse, no voltage reapplied
I
2√t
Max. I
2√tforfusing
2000
A
2√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max. On-state Voltage Drop
1.4
V
@ 10A, T
J
= 25°C
r
t
On-state slope resistance
24.0
m
Ω
T
J
= 125°C
VT(TO) Threshold Voltage
1.1
V
I
RM
/I
DM
Max.Reverse and Direct
0.5
mA
T
J
= 25 °C
Leakage Current
10
T
J = 125 °C
I
H
Holding Current
Typ.
Max.
Anode Supply = 6V, Resistive load, Initial I
T
=1A
--
100
mA
16TTS08S, 16TTS12S
100
150
16TTS16S
I
L
Max. Latching Current
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. Rate of Rise of off-state Voltage
500
V/µs
di/dt Max. Rate of Rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
16TTS..S
Units
Conditions
V
R
= rated V
RRM
/ V
DRM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com